Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82K68E Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82K68E
Description  Multimedia Keyboard Encoder OTP
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68E Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82K68E Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K68E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Pin Name I/O ROM Code
Option
Description
PC2~PC3
I/O
Wake-up
Pull-high
or None
Bidirectional 2-bit input/output port. Each bit can be configured
as a wake-up input by ROM code option. Software* instructions
determine the CMOS output or schmitt trigger input with or with-
out pull-high resistor.
PC4~PC7
I/O
Pull-high
or None
Bidirectional 4-bit input/output port. Software* instructions de-
termine the CMOS output or schmitt trigger input with or without
pull-high resistor.
PD0~PD7
I/O
Pull-high
or None
Bidirectional 8-bit input/output port. Software* instructions de-
termine the CMOS output or schmitt trigger input with or without
pull-high resistor.
PE0~PE1
I/O
Pull-high
or None
Bidirectional input/output port. Software* instructions determine
the CMOS output or schmitt trigger input with or without
pull-high resistor.
PE2~PE4
O
¾
This pin is an NMOS output structure. The pad can function as
LED drivers for the keyboard. IOL=14mA, @VOL=3.2V
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
RESET
I
¾
Chip reset input. Active low. Built-in power-on reset circuit to re-
set the entire chip. Chip can also be externally reset via RESET
pin
OSC1
OSC2
I
O
Crystal or
RC
OSC1, OSC2 are connected to an RC network or a crystal for the
internal system clock. In the case of RC operation, OSC2 is the
output terminal for the 1/4 system clock; A 110kW resistor is con-
nected to OSC1 to generate a 2MHZ frequency.
Note: *: Software means the ROM code option can be configured by HT-IDE (Holtek Integrated De-
velopment Environment).
Absolute Maximum Ratings
Supply Voltage .............................-0.3V to 5.5V
Storage Temperature ................-50°Cto125°C
Input Voltage ................VSS-0.3V to VDD+0.3V
Operating Temperature .............-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
HT82K68E
4
August 8, 2000
Preliminary


Similar Part No. - HT82K68E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68E HOLTEK-HT82K68E Datasheet
270Kb / 39P
   Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
240Kb / 38P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
260Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
   Multimedia Keyboard Encoder 8-Bit MCU
More results

Similar Description - HT82K68E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68E HOLTEK-HT82K68E_07 Datasheet
270Kb / 39P
   Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K96E HOLTEK-HT82K96E_07 Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K96E HOLTEK-HT82K96E Datasheet
325Kb / 46P
   8-Bit USB Multimedia Keyboard Encoder OTP MCU
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K68A HOLTEK-HT82K68A Datasheet
315Kb / 39P
   Multimedia Keyboard Encoder 8-Bit Mask MCU
HT82K68A HOLTEK-HT82K68A_01 Datasheet
259Kb / 30P
   8-Bit Multimedia Keyboard Encoder Mask MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com