Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS2503-1 Datasheet(PDF) 12 Page - NEC

Part No. PS2503-1
Description  LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2503-1 Datasheet(HTML) 12 Page - NEC

Back Button PS2503-1 Datasheet HTML 6Page - NEC PS2503-1 Datasheet HTML 7Page - NEC PS2503-1 Datasheet HTML 8Page - NEC PS2503-1 Datasheet HTML 9Page - NEC PS2503-1 Datasheet HTML 10Page - NEC PS2503-1 Datasheet HTML 11Page - NEC PS2503-1 Datasheet HTML 12Page - NEC PS2503-1 Datasheet HTML 13Page - NEC PS2503-1 Datasheet HTML 14Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PS2503-1,-2,-4,PS2503L-1,-2,-4
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260
°C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
°C
60 seconds or less
• Time to preheat temperature from 120 to 180
°C
120
±30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
120±30 s
(preheating)
220˚C
180˚C
Time (s)
Recommended Temperature Profile of Infrared Reflow
(heating)
to 10 s
to 60 s
260˚C MAX.
120˚C
(2) Wave soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120
°C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt% is recommended.)
(3) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler’s input and output or between
collector-emitters at startup, the output side may enter the on state, even if the voltage is within the absolute
maximum ratings.
Data Sheet PN10227EJ01V0DS
12


Similar Part No. - PS2503-1

ManufacturerPart No.DatasheetDescription
California Eastern Labs
California Eastern Labs
PS2503-1 CEL-PS2503-1 Datasheet
208Kb / 12P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
PS2503-1-A CEL-PS2503-1-A Datasheet
208Kb / 12P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
Renesas Technology Corp
Renesas Technology Corp
PS2503-1 RENESAS-PS2503-1_15 Datasheet
236Kb / 14P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2503-1

ManufacturerPart No.DatasheetDescription
California Eastern Labs
California Eastern Labs
PS2503-1 CEL-PS2503-1 Datasheet
208Kb / 12P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
Renesas Technology Corp
Renesas Technology Corp
PS2503-1 RENESAS-PS2503-1_15 Datasheet
236Kb / 14P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
COSMO  Electronics Corporation
COSMO Electronics Corp...
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010T COSMO-K1010T_16 Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
California Eastern Labs
California Eastern Labs
PS2513-1 CEL-PS2513-1 Datasheet
269Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
NEC
NEC
PS2513-1 NEC-PS2513-1 Datasheet
156Kb / 7P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
Renesas Technology Corp
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1 Datasheet
255Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz