Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS2502-1 Datasheet(PDF) 5 Page - NEC

Part No. PS2502-1
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

PS2502-1 Datasheet(HTML) 5 Page - NEC

  PS2502-1 Datasheet HTML 1Page - NEC PS2502-1 Datasheet HTML 2Page - NEC PS2502-1 Datasheet HTML 3Page - NEC PS2502-1 Datasheet HTML 4Page - NEC PS2502-1 Datasheet HTML 5Page - NEC PS2502-1 Datasheet HTML 6Page - NEC PS2502-1 Datasheet HTML 7Page - NEC PS2502-1 Datasheet HTML 8Page - NEC PS2502-1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
PS2502-1,-2,-4,PS2502L-1,-2,-4
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified)
150
100
50
025
50
75
100
125
150
0.5
0.1
1
5
10
50
100
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
20
40
60
80
100
120
140
160
2
46
8
10
10mA
5 mA
1 mA
IF = 0.5 mA
10
1
100
1000
10 000
–50
–25
0
25
50
75
100
0.2
0.5
1
5
10
200
50
0.4
100
0.6
0.8
1.0
1.2
1.4
1.6
10 mA
5 mA
1 mA
0.5 mA
IF = 0.1 mA
0.2 mA
1.5 mW/˚C
1.2 mW/˚C
PS2502-1
PS2502L-1
PS2502-2
PS2502L-2
PS2502-4
PS2502L-4
0 ˚C
–25 ˚C
–55 ˚C
VCE = 2 V
5 V
10 V
24 V
40 V
+60 ˚C
+25 ˚C
TA = +100 ˚C
Ambient Temperature TA (˚C)
Forward Voltage VF (V)
Collector to Emitter Voltage VCE (V)
Collector Saturation Voltage VCE(sat) (V)
Ambient Temperature TA (˚C)
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
FORWARD CURRENT vs.
FORWARD VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
150
100
50
025
50
75
100
125
150
2 mW/˚C
1.6 mW/˚C
200
PS2502-2
PS2502L-2
PS2502-4
PS2502L-4
PS2502-1
PS2502L-1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn