Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCS110AG Datasheet(PDF) 1 Page - Rohm

Part # SCS110AG
Description  Part No. Explanation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS110AG Datasheet(HTML) 1 Page - Rohm

  SCS110AG Datasheet HTML 1Page - Rohm SCS110AG Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/1
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.01 - Rev.B
Part No. Explanation
■ Part No. Explanation
Schottky Barrier Diode Part No.Explanation
S C
S
1
1 0
A G
①④
②③
① SiC 
② SBD 
③ Generation 
④ Current 〔A〕
  Example 05 → 5A
10
→ 10A
⑤ Voltage    
  
Example
A
→ 600V
K
→ 1200V
⑥ Package 
  Example G → TO-220AC〔2pin〕
M
→ TO-220FM〔2pin〕


Similar Part No. - SCS110AG

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS110AG ROHM-SCS110AG Datasheet
136Kb / 1P
   SiC Schottky Barrier Diodes
SCS110AG ROHM-SCS110AG Datasheet
1Mb / 4P
   SiC Schottky Barrier Diode
SCS110AG ROHM-SCS110AG Datasheet
442Kb / 4P
   SiC Schottky Barrier Diode
SCS110AGC ROHM-SCS110AGC Datasheet
442Kb / 4P
   SiC Schottky Barrier Diode
SCS110AG_1104 ROHM-SCS110AG_1104 Datasheet
1Mb / 4P
   SiC Schottky Barrier Diode
More results

Similar Description - SCS110AG

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS105KGC ROHM-SCS105KGC Datasheet
114Kb / 2P
   Part No. Explanation
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
   Part Number Explanation
02014W104KAT2A AVX-02014W104KAT2A Datasheet
154Kb / 2P
   How to Order Part Number Explanation
logo
Fairchild Semiconductor
FKPF12N80 FAIRCHILD-FKPF12N80 Datasheet
170Kb / 7P
   Application Explanation
FKPF10N80 FAIRCHILD-FKPF10N80 Datasheet
171Kb / 7P
   Application Explanation
logo
Projects Unlimited, Inc...
AI-4228-TF-LW140-R PUI-AI-4228-TF-LW140-R Datasheet
227Kb / 1P
   REVISED PART No. AND DIMENSIONS
logo
Fairchild Semiconductor
AN-4163 FAIRCHILD-AN-4163 Datasheet
1Mb / 10P
   Shielded Gate PowerTrench MOSFET Datasheet Explanation
logo
NMB Technologies Corpor...
15038PB NMB-15038PB Datasheet
725Kb / 2P
   Legacy Part No. 5915PC Plastic Blades/Standard
logo
Murata Manufacturing Co...
GCM155R72A222KA37D MURATA-GCM155R72A222KA37D Datasheet
2Mb / 67P
   Explanation of Symbols in This Catalog
logo
List of Unclassifed Man...
150007 ETC2-150007 Datasheet
72Kb / 1P
   Packaged part Bulk part
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com