Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1608C-680 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC1608C-680
Description  SMD POWER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC1608C-680 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC1608C-680 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SC1608C
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
www.signaltransformer.com
Sales@signaltransformer.com • techhelp@signaltransformer.com
85
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SC1608C-1R0
1.0
100KHZ
40m
1.40
4.00
SC1608C-1R5
1.5
100KHZ
45m
0.93
3.24
SC1608C-2R2
2.2
100KHZ
50m
0.92
2.91
SC1608C-3R3
3.3
100KHZ
55m
0.75
2.61
SC1608C-4R7
4.7
100KHZ
60m
0.58
2.47
SC1608C-6R8
6.8
100KHZ
65m
0.45
2.22
SC1608C-100
10
100KHZ
75m
0.37
2.00
SC1608C-150
15
100KHZ
90m
0.31
1.70
SC1608C-220
22
100KHZ
138m
0.30
1.44
SC1608C-330
33
100KHZ
190m
0.27
1.15
SC1608C-470
47
100KHZ
230m
0.24
1.03
SC1608C-680
68
100KHZ
340m
0.17
0.80
SC1608C-101
100
100KHZ
480m
0.13
0.72
SC1608C-151
150
100KHZ
750m
0.10
0.64
SC1608C-221
220
100KHZ
1.22
0.09
0.48
SC1608C-331
330
100KHZ
1.83
0.07
0.40
SC1608C-471
470
100KHZ
2.85
0.06
0.32
SC1608C-681
680
100KHZ
3.60
0.055
0.28
SC1608C-102
1000
100KHZ
5.35
0.045
0.22
(1). Inductance tolerance
±30% tested at 0.25V, 0ADC and 25℃.
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 30% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ ambient.
MARKING
XXX
1
10
100
10
100
1000
BCRH1608C I nduct ance decr ease by cur r ent
10000
DC cur r ent ( mA)
0. 1
1
1000
10000
103
680
1R0
(3)
(4)
BCRH1608C Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
4000
6000
1000
2000
3000
7000
5000
8000
0
103
680
1R0
SC1608C Inductance decrease by current
DC current (mA)
DC current (mA)
SC1608C Temperature rise by current
Custom versions available upon request.
©2011 Signal Transformer –Specification subject to change without notice. 07.11


Similar Part No. - SC1608C-680

ManufacturerPart #DatasheetDescription
logo
GardTec, Inc.
SC160-W1 GARDTEC-SC160-W1 Datasheet
22Kb / 1P
   C1008 Steel
SC160-W6 GARDTEC-SC160-W6 Datasheet
30Kb / 1P
   C1008 Steel
logo
List of Unclassifed Man...
SC1601D ETC-SC1601D Datasheet
62Kb / 1P
   LCD MODULES 16 CHARACTERS x 1 LINES
SC1602 ETC-SC1602 Datasheet
93Kb / 1P
   LCD MODULES 16 CHARACTERS x 2 LINES
SC1602A ETC-SC1602A Datasheet
106Kb / 1P
   16 CHARACTERS x 2 LINES
More results

Similar Description - SC1608C-680

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com