Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS2501-1 Datasheet(PDF) 6 Page - NEC

Part No. PS2501-1
Description  HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

PS2501-1 Datasheet(HTML) 6 Page - NEC

Back Button PS2501-1 Datasheet HTML 2Page - NEC PS2501-1 Datasheet HTML 3Page - NEC PS2501-1 Datasheet HTML 4Page - NEC PS2501-1 Datasheet HTML 5Page - NEC PS2501-1 Datasheet HTML 6Page - NEC PS2501-1 Datasheet HTML 7Page - NEC PS2501-1 Datasheet HTML 8Page - NEC PS2501-1 Datasheet HTML 9Page - NEC PS2501-1 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PS2501-1,-2,-4,PS2501L-1,-2,-4
TYPICAL CHARACTERISTICS (TA = 25
°°°°C, unless otherwise specified)
150
100
50
025
50
75
100
125
150
1.5 mW/˚C
1.2 mW/˚C
150
100
50
25
50
100
125
150
0
10 000
100
1 000
100
10
1
75
50
25
0
–25
–50
VCE = 80 V
10
1.0
0.8
0.6
0.4
0.2
0
5
1
0.5
0.1
10 mA
40
1.5 mW/˚C
1.2 mW/˚C
20 mA
50 mA
2 mA
IF = 1 mA
5 mA
40 V
24 V
10 V
5 V
PS2501-1
PS2501L-1
PS2501-2
PS2501L-2
PS2501-4
PS2501L-4
PS2501-1
PS2501L-1
PS2501-2
PS2501L-2
PS2501-4
PS2501L-4
100
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
50
10
5
1
0.5
0.1
0 ˚C
–25 ˚C
–55 ˚C
+60 ˚C
+25 ˚C
TA = +100 ˚C
Ambient Temperature TA (˚C)
Forward Voltage VF (V)
Collector Saturation Voltage VCE(sat) (V)
Ambient Temperature TA (˚C)
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
FORWARD CURRENT vs.
FORWARD VOLTAGE
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
75
70
2
60
50
40
30
20
10
0
4
6
810
20
mA
IF = 5 mA
10
mA
50
mA
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn