Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE480A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P4KE480A
Description  TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P4KE480A Datasheet(HTML) 3 Page - Vishay Siliconix

  P4KE480A Datasheet HTML 1Page - Vishay Siliconix P4KE480A Datasheet HTML 2Page - Vishay Siliconix P4KE480A Datasheet HTML 3Page - Vishay Siliconix P4KE480A Datasheet HTML 4Page - Vishay Siliconix P4KE480A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P4KE6.8A thru P4KE540A
www.vishay.com
Vishay General Semiconductor
Revision: 18-Sep-12
3
Document Number: 88365
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature
Fig. 3 - Pulse Waveform
Fig. 4 - Typical Junction Capacitance Uni-Directional
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to lead
RJL
66
°C/ W
Typical thermal resistance, junction to ambient LLead = 10 mm
RJA
100
ORDERING INFORMATION (Example)
PREFERRED PIN
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
P4KE6.8A-E3/54
0.350
54
5500
13" diameter paper tape and reel
P4KE6.8AHE3/54 (1)
0.350
54
5500
13" diameter paper tape and reel
100
10
1
0.1
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
0.1
1
10
100
1000
10 000
td - Pulse Width (µs)
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TJ - Initial Temperature (°C)
0
1.0
2.0
3.0
4.0
0
50
100
150
t
d
t - Time (ms)
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
10/1000 µs Waveform
as defined by R.E.A.
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
Decays to 50 % of I
PPM
10
100
1000
10 000
1
10
100
1000
Measured at
Zero Bias
Measured at Stand-Off
Voltage V
WM
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
VBR - Breakdown Voltage (V)


Similar Part No. - P4KE480A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE480A LITTELFUSE-P4KE480A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
logo
Shenzhen Luguang Electr...
P4KE480A LUGUANG-P4KE480A Datasheet
382Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
P4KE480A LUGUANG-P4KE480A Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
P4KE480A VISHAY-P4KE480A Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Luguang Electr...
P4KE480A LUGUANG-P4KE480A Datasheet
388Kb / 4P
   600 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE480A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com