Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE24A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P4KE24A
Description  TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P4KE24A Datasheet(HTML) 2 Page - Vishay Siliconix

  P4KE24A Datasheet HTML 1Page - Vishay Siliconix P4KE24A Datasheet HTML 2Page - Vishay Siliconix P4KE24A Datasheet HTML 3Page - Vishay Siliconix P4KE24A Datasheet HTML 4Page - Vishay Siliconix P4KE24A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P4KE6.8A thru P4KE540A
www.vishay.com
Vishay General Semiconductor
Revision: 18-Sep-12
2
Document Number: 88365
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) For bi-directional types with VWM of 10 V and less the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/EEE CA62.35
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (3)
(μA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICENT
AT VBR
(%/°C)
MIN.
MAX.
P4KE6.8A
6.45
7.14
10
5.80
1000
38.1
10.5
0.057
P4KE7.5A
7.13
7.88
10
6.40
500
35.4
11.3
0.061
P4KE8.2A
7.79
8.61
10
7.02
200
33.1
12.1
0.060
P4KE9.1A
8.65
9.55
1.0
7.78
50
29.9
13.4
0.068
P4KE10A
9.5
10.5
1.0
8.55
10
27.6
14.5
0.073
P4KE11A
10.5
11.6
1.0
9.40
5.0
25.6
15.6
0.075
P4KE12A
11.4
12.6
1.0
10.2
1.0
24.0
16.7
0.078
P4KE13A
12.4
13.7
1.0
11.1
1.0
22.0
18.2
0.081
P4KE15A
14.3
15.8
1.0
12.8
1.0
18.9
21.2
0.084
P4KE16A
15.2
16.8
1.0
13.6
1.0
17.8
22.5
0.086
P4KE18A
17.1
18.9
1.0
15.3
1.0
15.9
25.2
0.088
P4KE20A
19.0
21.0
1.0
17.1
1.0
14.4
27.7
0.090
P4KE22A
20.9
23.1
1.0
18.8
1.0
13.1
30.6
0.092
P4KE24A
22.8
25.2
1.0
20.5
1.0
12.0
33.2
0.094
P4KE27A
25.7
28.4
1.0
23.1
1.0
10.7
37.5
0.096
P4KE30A
28.5
31.5
1.0
25.6
1.0
9.7
41.4
0.097
P4KE33A
31.4
34.7
1.0
28.2
1.0
8.8
45.7
0.098
P4KE36A
34.2
37.8
1.0
30.8
1.0
8.0
49.9
0.099
P4KE39A
37.1
41.0
1.0
33.3
1.0
7.4
53.9
0.100
P4KE43A
40.9
45.2
1.0
36.8
1.0
6.7
59.3
0.101
P4KE47A
44.7
49.4
1.0
40.2
1.0
6.2
64.8
0.101
P4KE51A
48.5
53.6
1.0
43.6
1.0
5.7
70.1
0.102
P4KE56A
53.2
58.8
1.0
47.8
1.0
5.2
77.0
0.103
P4KE62A
58.9
65.1
1.0
53.0
1.0
4.7
85.0
0.104
P4KE68A
64.6
71.4
1.0
58.1
1.0
4.3
92.0
0.104
P4KE75A
71.3
78.8
1.0
64.1
1.0
3.9
103
0.105
P4KE82A
77.9
86.1
1.0
70.1
1.0
3.5
113
0.105
P4KE91A
86.5
95.5
1.0
77.8
1.0
3.2
125
0.106
P4KE100A
95.0
105
1.0
85.5
1.0
2.9
137
0.106
P4KE110A
105
116
1.0
94.0
1.0
2.6
152
0.107
P4KE120A
114
126
1.0
102
1.0
2.4
165
0.107
P4KE130A
124
137
1.0
111
1.0
2.2
179
0.107
P4KE150A
143
158
1.0
128
1.0
1.9
207
0.108
P4KE160A
152
168
1.0
136
1.0
1.8
219
0.108
P4KE170A
162
179
1.0
145
1.0
1.7
234
0.108
P4KE180A
171
189
1.0
154
1.0
1.6
246
0.108
P4KE200A
190
210
1.0
171
1.0
1.5
274
0.108
P4KE220A
209
231
1.0
185
1.0
1.2
328
0.108
P4KE250A
237
263
1.0
214
1.0
1.2
344
0.110
P4KE300A
285
315
1.0
256
1.0
1.00
414
0.110
P4KE350A
333
368
1.0
300
1.0
0.83
482
0.110
P4KE400A
380
420
1.0
342
1.0
0.73
548
0.110
P4KE440A
418
462
1.0
376
1.0
0.66
602
0.110
P4KE480A
456
504
1.0
408
1.0
0.61
658
0.110
P4KE510A
485
535
1.0
434
1.0
0.57
698
0.110
P4KE540A
513
567
1.0
459
1.0
0.54
740
0.110


Similar Part No. - P4KE24A

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
P4KE24A SY-P4KE24A Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
RFE international
P4KE24A RFE-P4KE24A Datasheet
333Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Pan Jit International I...
P4KE24A PANJIT-P4KE24A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE24A TSC-P4KE24A Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Ruilongyuan Electronics...
P4KE24A RUILON-P4KE24A Datasheet
891Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4KE24A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com