Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFH254003 Datasheet(PDF) 5 Page - Littelfuse

Part # LFH254003
Description  LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFH254003 Datasheet(HTML) 5 Page - Littelfuse

  LFH254003 Datasheet HTML 1Page - Littelfuse LFH254003 Datasheet HTML 2Page - Littelfuse LFH254003 Datasheet HTML 3Page - Littelfuse LFH254003 Datasheet HTML 4Page - Littelfuse LFH254003 Datasheet HTML 5Page - Littelfuse LFH254003 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Littelfuse.com
POWR-GARD® Blocks and Holders Datasheet
5 of 6
© 2013 Littelfuse POWR-GARD® Products
Rev: 011513
CLaSS H/K5 and r FuSe bLoCKS
166.7
[6.56]
38.4 [1.51]
73.1 [2.88]
R3.4 [.13]
TYP
R2.6 [.10]
TYP
47.6
[1.87]
56.0
[2.20]
118.6
[4.67]
127.1
[5.00]
16.8 [.66]
21.5 [.85]
6.4 [.25]
19.2 [.76]
51.6 [2.03]
41.1 [1.62]
107.9 [4.25]
20.7 [.82]
52.5 [2.07]
75.9 [2.99]
86.4 [3.40]
184.2
[7.25]
43.8 [1.73]
.5 .5
R3.4 [.13]
TYP
83.6 [3.29]
123.2 [4.85]
59.7 [2.35]
22.9 [.90]
55.2
[2.18]
74.2
[2.92]
134.6
[5.30]
11.4 [.45]
19.9 [.78]
29.8 [1.17]
32.4 [1.28]
59.6 [2.35]
69.5 [2.74]
99.4 [3.91]
109.3 [4.30]
.2 THRU
228.6 [9.00]
R3.4 [.13]
TYP
53.4 [2.10]
145.3 [5.72]
66.0 [2.60]
22.9 [.90]
64.6 [2.54]
15.0 [.59]
19.6 [.77]
33.8 [1.33]
172.8 [6.80]
61.0 [2.40]
79.8 [3.14]
107.0 [4.21]
125.7 [4.95]
600 V 30 A
600 V 60 A
600 V 100 A
Dimensions mm (inches)


Similar Part No. - LFH254003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFH254003 LITTELFUSE-LFH254003 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
More results

Similar Description - LFH254003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
Littelfuse
LFG600151 LITTELFUSE-LFG600151 Datasheet
455Kb / 2P
   LF SERIES CLASS G FUSE BLOCKS
Rev: 4-A-071318
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
   LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
LFJ600301 LITTELFUSE-LFJ600301_V01 Datasheet
1Mb / 3P
   LF SERIES CLASS J FUSE BLOCKS
Rev: 021422
logo
Cooper Bussmann, Inc.
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
logo
Littelfuse
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
   POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
   LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com