Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7WZ14L6X Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NC7WZ14L6X
Description  TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ14L6X Datasheet(HTML) 6 Page - Fairchild Semiconductor

  NC7WZ14L6X Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ14L6X Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ14L6X Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ14L6X Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ14L6X Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ14L6X Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ14L6X Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ14L6X Datasheet HTML 8Page - Fairchild Semiconductor NC7WZ14L6X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7WZ14 • Rev. 1.0.7
6
Physical Dimensions
DETAIL A
SCALE: 60X
B
1.90
2.00±0.20
0.50 MIN
1.00
0.80
1.10
0.80
0.10 C
0.25
0.10
0.46
0.26
0.20
GAGE
PLANE
(R0.10)
30°
SEATING
PLANE
C
0.10
0.00
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO EIAJ
SC-88, 1996.
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE BURRS
OR MOLD FLASH.
D) DRAWING FILENAME: MKT-MAA06AREV6
2.10±0.30
0.10
AB
0.65
1.30
(0.25)
0.30
0.15
1
1.25±0.10
3
1.30
0.40 MIN
SEE DETAIL A
LAND PATTERN RECOMMENDATION
6
A
4
C
0.65
L
SYMM
PIN ONE
Figure 8. 6-Lead, SC70, EIAJ SC-88a, 1.25mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Tape and Reel Specification
Please visit Fairchild Semiconductor’s online packaging area for the most recent tape and reel specifications:
http://www.fairchildsemi.com/products/analog/pdf/sc70-6_tr.pdf.
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type Status
P6X
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (Typical)
Empty
Sealed


Similar Part No. - NC7WZ14L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ14L6X FAIRCHILD-NC7WZ14L6X Datasheet
97Kb / 7P
   TinyLogic. UHS Dual Inverter with Schmitt Trigger Inputs
NC7WZ14L6X FAIRCHILD-NC7WZ14L6X Datasheet
111Kb / 8P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14L6X ONSEMI-NC7WZ14L6X Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
NC7WZ14L6X ONSEMI-NC7WZ14L6X Datasheet
410Kb / 12P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
March, 2022 - Rev. 6
logo
Fairchild Semiconductor
NC7WZ14L6X FAIRCHILD-NC7WZ14L6X_11 Datasheet
521Kb / 9P
   TinyLogic짰 UHS Dual Inverter with Schmitt Trigger Inputs
More results

Similar Description - NC7WZ14L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ14 FAIRCHILD-NC7WZ14_05 Datasheet
111Kb / 8P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14 Datasheet
503Kb / 10P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ14 FAIRCHILD-NC7WZ14 Datasheet
97Kb / 7P
   TinyLogic. UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ14 ONSEMI-NC7WZ14_V01 Datasheet
410Kb / 12P
   TinyLogic UHS Dual Inverter with Schmitt Trigger Inputs
March, 2022 - Rev. 6
NC7WZ17 ONSEMI-NC7WZ17 Datasheet
487Kb / 10P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
October-2017, Rev . 2
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_06 Datasheet
487Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
NC7WZ17 FAIRCHILD-NC7WZ17 Datasheet
99Kb / 7P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7WZ17 ONSEMI-NC7WZ17_V01 Datasheet
409Kb / 12P
   TinyLogic UHS Dual Buffer with Schmitt Trigger Inputs
March, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7SZ14 FAIRCHILD-NC7SZ14_04 Datasheet
157Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7SZ14 FAIRCHILD-NC7SZ14 Datasheet
108Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com