Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HK06032N0-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # HK06032N0-T
Description  MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HK06032N0-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  HK06032N0-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HK06032N0-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc HK06032N0-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc HK06032N0-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc HK06032N0-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc HK06032N0-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc HK06032N0-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc HK06032N0-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc HK06032N0-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
i_mlci_HK_e-E02R01
MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS (HK SERIES)
PARTS NUMBER
*Operating Temp. : -55~+125℃ (HK1608/2125 : -40~+85℃ )
H
K △
0
6
0
3
1
0
N
J
- T
△=Blank space
①Series name
Code
Series name
HK△
Multilayer chip inductor for high frequency
②Dimensions(L×W)
Code
Type(inch)
Dimensions
(L×W)[mm]
0402
0402(01005)
0.4×0.2
0603
0603(0201)
0.6×0.3
1005
1005(0402)
1.0×0.5
1608
1608(0603)
1.6×0.8
2125
2125(0805)
2.0×1.2
③Nominal inductance
Code
(example)
Nominal inductance[nH]
3N9
3.9
10N
10.0
R10
100
R12
120
※R=Decimal point
※N=0.0(nH type)
④Inductance tolerance
Code
Inductance tolerance
H
±3%
J
±5%
C
±0.2nH
S
±0.3nH
⑤Packaging
Code
Packaging
-T
Taping
STANDARD EXTERNAL DIMENSIONS / STANDARD QUANTITY
Type
L
W
T
e
Standard quantity [pcs]
Paper tape
Embossed tape
HK 0402
(01005)
0.4±0.02
(0.016±0.001)
0.2±0.02
(0.008±0.001)
0.2±0.02
(0.008±0.001)
0.1±0.03
(0.004±0.001)
20000
HK 0603
(0201)
0.6±0.03
(0.024±0.001)
0.3±0.03
(0.012±0.001)
0.3±0.03
(0.012±0.001)
0.15±0.05
(0.006±0.002)
15000
HK 1005
(0402)
1.0±0.05
(0.039±0.002)
0.5±0.05
(0.020±0.002)
0.5±0.05
(0.020±0.002)
0.25±0.10
(0.010±0.004)
10000
HK 1608
(0603)
1.6±0.15
(0.063±0.006)
0.8±0.15
(0.031±0.006)
0.8±0.15
(0.031±0.006)
0.3±0.2
(0.012±0.008)
4000
HK 2125
(0805)
2.0+0.3/-0.1
(0.079+0.012/-0.004)
1.25±0.2
(0.049±0.008)
0.85±0.2
(0.033±0.008)
0.5±0.3
(0.020±0.012)
4000
2.0+0.3/-0.1
(0.079+0.012/-0.004)
1.25±0.2
(0.049±0.008)
1.0+0.2/-0.3
(0.039+0.008/-0.012)
0.5±0.3
(0.020±0.012)
3000
Unit:mm(inch)
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
REFLOW
WAVE*
*Except for HK0402, HK0603, HK1005
73
15


Similar Part No. - HK06032N0-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK06032N0-T TAIYO-YUDEN-HK06032N0-T Datasheet
659Kb / 32P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK06032N0-T TAIYO-YUDEN-HK06032N0-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
More results

Similar Description - HK06032N0-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HK1005R22J-T TAIYO-YUDEN-HK1005R22J-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK100582NJ-T TAIYO-YUDEN-HK100582NJ-T Datasheet
186Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK10051N0S-T TAIYO-YUDEN-HK10051N0S-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK10057N5J-T TAIYO-YUDEN-HK10057N5J-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK06031N0S-T TAIYO-YUDEN-HK06031N0S-T_V01 Datasheet
267Kb / 2P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK100547NJ-T TAIYO-YUDEN-HK100547NJ-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK0603R10J-T TAIYO-YUDEN-HK0603R10J-T Datasheet
659Kb / 32P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK06035N6S-T TAIYO-YUDEN-HK06035N6S-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK160827NJ-T TAIYO-YUDEN-HK160827NJ-T Datasheet
749Kb / 31P
   MULTILAYER CHIP INDUCTORS FOR HIGH FREQUENCY APPLICATIONS(HK SERIES)
HK0603R10J-T TAIYO-YUDEN-HK0603R10J-T_V01 Datasheet
267Kb / 2P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
HK1608R22J-T TAIYO-YUDEN-HK1608R22J-T Datasheet
144Kb / 1P
   Multilayer Chip Inductors for High Frequency Applications (HK series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com