Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX1811M3 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLX1811M3
Description  RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1811M3 Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLX1811M3 Datasheet HTML 1Page - Finisar Corporation. FTLX1811M3 Datasheet HTML 2Page - Finisar Corporation. FTLX1811M3 Datasheet HTML 3Page - Finisar Corporation. FTLX1811M3 Datasheet HTML 4Page - Finisar Corporation. FTLX1811M3 Datasheet HTML 5Page - Finisar Corporation. FTLX1811M3 Datasheet HTML 6Page - Finisar Corporation. FTLX1811M3 Datasheet HTML 7Page - Finisar Corporation. FTLX1811M3 Datasheet HTML 8Page - Finisar Corporation. FTLX1811M3 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
F i n i s a r
© Finisar Corporation 1-May-2006 Rev A2
Page 1
Product Specification
RoHS-6 Compliant
10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTRX1811M3
PRODUCT FEATURES
• Supports 9.95Gb/s to 11.1Gb/s
bit rates
• Hot-pluggable XFP footprint
• Maximum link length of 80km
• RoHS-6 compliant (lead-free)
• Temperature-stabilized EML
transmitter
• Duplex LC connector
• Power dissipation <3.5W
• Built-in digital diagnostic functions
• Temperature range: -5°C to 70°C
APPLICATIONS
• SONET OC-192 / SDH STM-64
ITU-T G.959.1 P1L1-2D2
• SONET OC-192/SDH STM-64 with
ITU-T G.709
• 10GBASE-ZR/ZW
80km 10G Ethernet
• Extended 80km 10G Fibre Channel
• 80km 10G Ethernet with ITU-T G.709
FEC
Finisar’s 80km FTRX-1811-3 Small Form Factor 10Gb/s (XFP) transceivers comply with
the current XFP Multi-Source Agreement (MSA) Specification
1. They comply with 80km
SONET OC-192 and SDH STM-64 per ITU-T G.959.1 P1L1-2D2, and support
10GBASE-ZR/ZW 80km 10-Gigabit Ethernet, 10-Gigabit Fibre Channel, and 10-Gigabit
Ethernet with FEC applications. Digital diagnostics functions are available via a 2-wire
serial interface, as specified in the XFP MSA. The transceiver is RoHS compliant and
lead free per Directive 2002/95/EC
3, and Finisar Application Note AN-20384.
PRODUCT SELECTION
FTLX1811M3


Similar Part No. - FTLX1811M3

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1812M3BNL FINISAR-FTLX1812M3BNL Datasheet
545Kb / 11P
   Extended Temperature, 10Gb/s 80km TDM XFP Optical Transceiver
FTLX1812M3BTL FINISAR-FTLX1812M3BTL Datasheet
546Kb / 11P
   Extended Temperature, 10Gb/s 80km TDM XFP Optical Transceiver
More results

Similar Description - FTLX1811M3

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1611M3 FINISAR-FTLX1611M3 Datasheet
192Kb / 12P
   RoHS-6 Compliant 10Gb/s 40km Multi-Rate XFP Optical Transceiver
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
FTLX1412M3BCL FINISAR-FTLX1412M3BCL Datasheet
256Kb / 11P
   RoHS-6 Compliant 10Gb/s 10km XFP Optical Transceiver
FTLX1612M3BCL FINISAR-FTLX1612M3BCL Datasheet
183Kb / 12P
   RoHS-6 Compliant 40km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com