Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NNCD5.6F Datasheet(PDF) 6 Page - NEC

Part # NNCD5.6F
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES DOUBLE TYPE, ANODE COMMON 3PIN MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD5.6F Datasheet(HTML) 6 Page - NEC

  NNCD5.6F Datasheet HTML 1Page - NEC NNCD5.6F Datasheet HTML 2Page - NEC NNCD5.6F Datasheet HTML 3Page - NEC NNCD5.6F Datasheet HTML 4Page - NEC NNCD5.6F Datasheet HTML 5Page - NEC NNCD5.6F Datasheet HTML 6Page - NEC NNCD5.6F Datasheet HTML 7Page - NEC NNCD5.6F Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NNCD3.3F to NNCD12F
6
REFERENCE
Document Name
Document No.
NEC semiconductor device reliability/quality control system
C11745E
NEC semiconductor device reliability/quality control system
MEI-1201
Quality grade on NEC semiconductor device
C11531E
Semiconductor device mounting technology manual
C10535E
Guide to quality assurance for semiconductor device
MEI-1202


Similar Part No. - NNCD5.6F

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD5.6A NEC-NNCD5.6A Datasheet
47Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD5.6B NEC-NNCD5.6B Datasheet
43Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
NNCD5.6C NEC-NNCD5.6C Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
NNCD5.6D NEC-NNCD5.6D Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
logo
Renesas Technology Corp
NNCD5.6DA RENESAS-NNCD5.6DA Datasheet
227Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
More results

Similar Description - NNCD5.6F

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD27G NEC-NNCD27G Datasheet
41Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE : COMMON ANODE) 5 PIN MINI MOLD
NNCD56LG NEC-NNCD56LG Datasheet
49Kb / 8P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE: COMMON ANODE) 5-PIN MINI MOLD
NNCD56LH NEC-NNCD56LH Datasheet
49Kb / 8P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE: COMMON ANODE) 5-PIN SUPER SMALL MINI MOLD
NNCD68RG NEC-NNCD68RG Datasheet
46Kb / 6P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
NNCD68PG NEC-NNCD68PG Datasheet
36Kb / 6P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
NNCD68PL NEC-NNCD68PL Datasheet
38Kb / 5P
   5-PIN SUPER SMALL MINI MOLD FLAT LEAD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUAD TYPE: COMMON ANODE
NNCD6.8RH NEC-NNCD6.8RH Datasheet
48Kb / 6P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUARTO TYPE: COMMON ANODE) 5-PIN SUPER SMALL MINI MOLD
NNCD68PH NEC-NNCD68PH Datasheet
39Kb / 6P
   LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN SUPER SMALL MINI MOLD
NNCD6.8RL NEC-NNCD6.8RL Datasheet
37Kb / 5P
   5-PIN SUPER SMALL MINI MOLD (FLAT LEAD TYPE) ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUAD TYPE: COMMON ANODE)
logo
Renesas Technology Corp
NNCD2.0DA RENESAS-NNCD2.0DA Datasheet
227Kb / 8P
   ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com