Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAH004-00 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AAH004-00
Description  AA and AB-Series Analog Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAH004-00 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AAH004-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers AAH004-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers AAH004-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers AAH004-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers AAH004-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers AAH004-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers AAH004-00 Datasheet HTML 10Page - List of Unclassifed Manufacturers AAH004-00 Datasheet HTML 11Page - List of Unclassifed Manufacturers AAH004-00 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAL Sensors
- 19 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
General Characteristics:
Parameter
Min
Typical
Max
Unit
Input Voltage Range
<1
4
±25
4
Volts
Operating Frequency
DC
>1
MHz
Operating Temperature Range
-50
150
°C
Bridge Electrical Offset
-4
+4
mV/V
Signal Output at Max. Field
45
mV/V
Nonlinearity
2
% (unipolar)
5
Hysteresis
4
% (unipolar)
5
TCR
+0.11
% /
°C6
TCOI
-0.28
% /
°C6
TCOV
-0.40
% /
°C6
Off Axis Characteristic
Cos
β7
ESD Tolerance
400
V pin-to-pin HBM
Notes:
1.
1 Oersted (Oe) = 1 Gauss in air.
2.
See the Appendix for package dimensions and tolerances.
3.
Sensors can be provided in die form by special request.
4.
GMR AAL-Series sensors are pure ratiometric devices meaning that they will operate properly at extremely low supply
voltages
. The output signal will be proportional to the supply voltage. Maximum voltage range is limited by the power
dissipation in the package and the maximum operating temperature of the sensor.
5.
Unipolar operation means exposure to magnetic fields of one polarity, e.g. 0 to 30 Gauss, or -2 to -50 Gauss, but not -20 to
+30 Gauss (bipolar operation)
. Bipolar operation will increase nonlinearity and hysteresis.
6.
TCR is resistance change with temperature with no applied field
. TCOI is the output change with temperature using a
constant current source to power the sensor
. TCOV is the output change with temperature using a constant voltage source
to power the sensor.
7.
Beta (
β) is any deviation angle from the sensitive axis.
AAL002 Temperature Performance,
1mA Current Supply
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
-30
-20
-10
0
10
20
30
Applied Magnetic Field (Oe)
-40C
25C
85C
125C
AAL002 Temperature Performance, 5V Supply
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
-30
-20
-100
10
20
30
Applie d M ag ne tic F ie ld (O e )
-40C
25C
85C
125C


Similar Part No. - AAH004-00

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AAH004-00 RHOPOINT-AAH004-00 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AAH004-00 ETC2-AAH004-00 Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
AAH004-00 ETC2-AAH004-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
More results

Similar Description - AAH004-00

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AA002-02 RHOPOINT-AA002-02 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AA004-00E ETC2-AA004-00E Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
logo
Texas Instruments
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87 Datasheet
1,019Kb / 16P
[Old version datasheet]   LMT87 LMT87-Q1 SC70 Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com