Electronic Components Datasheet Search |
|
DIM800XSM45-TS000 Datasheet(PDF) 1 Page - Dynex Semiconductor |
|
DIM800XSM45-TS000 Datasheet(HTML) 1 Page - Dynex Semiconductor |
1 / 8 page Data DIM800XSM45-TS000 Single Switch IGBT Module Replaces DS6089-4 DS6089-5 August 2014 (LN31874) Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures 1/8 www.dynexsemi.com FEATURES 10µs Short Circuit Withstand High Thermal Cycling Capability High Current Density Enhanced DMOS SPT Isolated AlSiC Base With AlN Substrates APPLICATIONS High Reliability Inverters Motor Controllers Traction Drives Choppers The Powerline range of high power modules includes half bridge, chopper, dual, single and bi-directional switch configurations covering voltages from 1200V to 6500V and currents up to 2400A. The DIM800XSM45-TS000 is a single switch 4500V, n-channel enhancement mode, insulated gate bipolar transistor (IGBT) module. The IGBT has a wide reverse bias safe operating area (RBSOA) plus 10μs short circuit withstand. This device is optimised for traction drives and other applications requiring high thermal cycling capability. The module incorporates an electrically isolated base plate and low inductance construction enabling circuit designers to optimise circuit layouts and utilise grounded heat sinks for safety. ORDERING INFORMATION Order As: DIM800XSM45-TS000 Note: When ordering, please use the complete part number KEY PARAMETERS VCES 4500V VCE(sat) * (typ) 2.7V IC (max) 800A IC(PK) (max) 1600A * Measured at the auxiliary terminals Fig. 1 Circuit configuration Outline type code: X (See Fig. 11 for further information) Fig. 2 Package 2(G) 1(E) 6(E) 3(C) 4(E) 5(C) 7(C) |
Similar Part No. - DIM800XSM45-TS000 |
|
Similar Description - DIM800XSM45-TS000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |