Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-22-R6G6C-B09-2T(G6) Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 67-22-R6G6C-B09-2T(G6)
Description  Top view LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-22-R6G6C-B09-2T(G6) Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button 67-22-R6G6C-B09-2T(G6) Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-22-R6G6C-B09-2T(G6) Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-22-R6G6C-B09-2T(G6) Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-22-R6G6C-B09-2T(G6) Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-22-R6G6C-B09-2T(G6) Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-22-R6G6C-B09-2T(G6) Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-22-R6G6C-B09-2T(G6) Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-22-R6G6C-B09-2T(G6) Datasheet HTML 9Page - Everlight Electronics Co., Ltd 67-22-R6G6C-B09-2T(G6) Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DATASHEET
SMD
REFLECTOR
67-22/R6G6C-B09/2T
6
Copyright © 2010, Everlight All Rights Reserved. Release Date : 2013.04.26. Issue No: DSE-0000926
www.everlight.com
Typical Electro-Optical Characteristics Curves(G6)
0.7
0.8
0.9
1.0
0.4
0.5 0.3
0.2
0.1
0.6
80°
90°
50°
60°
70°
40°
Radiation Diagram
0° 10° 20°
30°
Ta=25°C
Ambient Temperature T (°C)
-60
1
10
-20
-40
0
20
60
40
a
100
80
100
1000
Relative Luminous Intensity vs.
Ambient Temperature
550
25
0
50
75
100
Wavelength λ (nm)
600
650
700
500
Ta=25°C
Spectrum Distribution
Ambient Temperature T (°C)
a
Forward Current Derating Curve
0
0
40
20
60
100
80
Forward Voltage V (V)
F
1.6
0
10
20
30
40
50
Forward Voltage
2.4
2.0
1.8
2.2
2.6
Ta=25°C
Forward Current vs.
10
10
1
100
1000
Forward Current I (mA)
0
1
10
2
10
F
3
10
Relative Luminous Intensity vs.
Ta=25°C
f=1KHz
Duty=1/10
Forward Current
10
20
30
40


Similar Part No. - 67-22-R6G6C-B09-2T(G6)

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-22-R6G6C-B09-2T(R6) EVERLIGHT-67-22-R6G6C-B09-2T(R6) Datasheet
356Kb / 11P
   Top view LEDs
More results

Similar Description - 67-22-R6G6C-B09-2T(G6)

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21SURC A-BRIGHT-67-21SURC Datasheet
253Kb / 5P
   Top View LEDs
2009/2/20
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
61-238-RSGBB7C-B02-ET EVERLIGHT-61-238-RSGBB7C-B02-ET Datasheet
337Kb / 14P
   Top View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
45-21UFC EVERLIGHT-45-21UFC Datasheet
253Kb / 14P
   Top View LEDs
67-21-G4C-BQ1T2N-2T EVERLIGHT-67-21-G4C-BQ1T2N-2T Datasheet
136Kb / 10P
   TOP View LEDs
67-21SUGC-S400-A4-TR8 EVERLIGHT-67-21SUGC-S400-A4-TR8 Datasheet
205Kb / 9P
   TOP View LEDs
67-21-T6C-MU2W1E-2T EVERLIGHT-67-21-T6C-MU2W1E-2T Datasheet
236Kb / 12P
   Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com