Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-21-R6C-FR2T1B-2T Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 67-21-R6C-FR2T1B-2T
Description  Top View LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21-R6C-FR2T1B-2T Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 67-21-R6C-FR2T1B-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21-R6C-FR2T1B-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21-R6C-FR2T1B-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21-R6C-FR2T1B-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21-R6C-FR2T1B-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21-R6C-FR2T1B-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21-R6C-FR2T1B-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21-R6C-FR2T1B-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 67-21-R6C-FR2T1B-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-04-14 22:49:35.0
Technical Data Sheet
Top View LEDs
67-21/R6C-FR2T1B/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 9 of 10
Device No. : DSE-0001192
Prepared date: 29-Aprr-2005
Prepared by: Bennett
Precautions for Use
1. Over-current-proof
Customer must apply resistors for protection, otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life are 168 hours under 30 deg C or less and 60%
RH or less. If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
120 Sec. Max.
1~5 °C / Sec.
Pre-heating
180~200°C
60 Sec. Max.
Above 220°C
260°C. Max.
10 Sec. Max.
1~5 °C / Sec.
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals,
and do soldering of each terminal. Be careful because the damage of the product is often started at
the time of the hand solder.


Similar Part No. - 67-21-R6C-FR2T1B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-R6C-FR2T1B-2T EVERLIGHT-67-21-R6C-FR2T1B-2T Datasheet
516Kb / 10P
   Top View LEDs
More results

Similar Description - 67-21-R6C-FR2T1B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21SURC A-BRIGHT-67-21SURC Datasheet
253Kb / 5P
   Top View LEDs
2009/2/20
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
61-238-RSGBB7C-B02-ET EVERLIGHT-61-238-RSGBB7C-B02-ET Datasheet
337Kb / 14P
   Top View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
45-21UFC EVERLIGHT-45-21UFC Datasheet
253Kb / 14P
   Top View LEDs
67-21-G4C-BQ1T2N-2T EVERLIGHT-67-21-G4C-BQ1T2N-2T Datasheet
136Kb / 10P
   TOP View LEDs
67-21SUGC-S400-A4-TR8 EVERLIGHT-67-21SUGC-S400-A4-TR8 Datasheet
205Kb / 9P
   TOP View LEDs
67-21-T6C-MU2W1E-2T EVERLIGHT-67-21-T6C-MU2W1E-2T Datasheet
236Kb / 12P
   Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com