Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PF0210 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. PF0210
Description  MOS FET Power Amplifier Module for ADC Mobile Phone
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0210 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  PF0210 Datasheet HTML 1Page - Hitachi Semiconductor PF0210 Datasheet HTML 2Page - Hitachi Semiconductor PF0210 Datasheet HTML 3Page - Hitachi Semiconductor PF0210 Datasheet HTML 4Page - Hitachi Semiconductor PF0210 Datasheet HTML 5Page - Hitachi Semiconductor PF0210 Datasheet HTML 6Page - Hitachi Semiconductor PF0210 Datasheet HTML 7Page - Hitachi Semiconductor PF0210 Datasheet HTML 8Page - Hitachi Semiconductor PF0210 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PF0210
5
824
829
839
849
Frequency f (MHz)
834
844
Pin = 2 mW
VDD = 12.5 V
Pout = 6 W
2nd H.D
3rd H.D
−20
−30
−40
−50
−60
−70
−20
−30
−40
−50
−60
−70
2nd H.D, 3rd H.D vs. Frequency (1)
824
829
839
849
Frequency f (MHz)
834
844
Pin = 2 mW
VDD = 12.5 V
VAPC = 3.9 V
2nd H.D
3rd H.D
−20
−30
−40
−50
−60
−70
−20
−30
−40
−50
−60
−70
2nd H.D, 3rd H.D vs. Frequency (2)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn