Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR5790M24 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # DCR5790M24
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR5790M24 Datasheet(HTML) 3 Page - Dynex Semiconductor

  DCR5790M24 Datasheet HTML 1Page - Dynex Semiconductor DCR5790M24 Datasheet HTML 2Page - Dynex Semiconductor DCR5790M24 Datasheet HTML 3Page - Dynex Semiconductor DCR5790M24 Datasheet HTML 4Page - Dynex Semiconductor DCR5790M24 Datasheet HTML 5Page - Dynex Semiconductor DCR5790M24 Datasheet HTML 6Page - Dynex Semiconductor DCR5790M24 Datasheet HTML 7Page - Dynex Semiconductor DCR5790M24 Datasheet HTML 8Page - Dynex Semiconductor DCR5790M24 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SEMICONDUCTOR
DCR5790M
3/9
www.dynexsemi.com
DYNAMIC CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Max.
Units
IRRM/IDRM
Peak reverse and off-state current
At VRRM/VDRM, Tcase = 125°C
-
400
mA
dV/dt
Max. linear rate of rise of off-state voltage
To 67% VDRM, Tj = 125°C, gate open
1000
-
V/µs
dI/dt
Rate of rise of on-state current
From 67% VDRM to 4000A
Repetitive 50Hz
-
250
A/µs
Gate source 30V, 10
,
Non-repetitive
-
1000
A/µs
tr < 0.5µs, Tj = 125°C
VT
On-state voltage
IT = 3000A, Tcase = 125°C
1.14
V
VT(TO)
Threshold voltage
– Low level
Tcase = 125°C
-
0.90
V
rT
On-state slope resistance
– Low level
Tcase = 125°C
-
0.080
m
tgd
Delay time
VD = 67% VDRM, gate source 30V, 10
-
3.0
µs
tr = 0.5µs, Tj = 25°C
tq
Turn-off time
Tj = 125°C, VR = 100V, dI/dt = 1.5A/µs,
-
600
µs
dVDR/dt = 20V/µs linear to 67% VDRM
QS
Stored charge
IT = 2000A, tp = 1000us,Tj = 125°C,
dI/dt =1.5A/µs,
-
4000
µC
IRR
Reverse recovery current
-
100
A
IL
Latching current
Tj = 25°C,
-
1
A
IH
Holding current
Tj = 25°C,
-
200
mA
GATE TRIGGER CHARACTERISTICS AND RATINGS
Symbol
Parameter
Test Conditions
Max.
Units
VGT
Gate trigger voltage
VDRM = 5V, Tcase = 25°C
3
V
VGD
Gate non-trigger voltage
At 40% VDRM, Tcase = 125°C
TBD
V
IGT
Gate trigger current
VDRM = 5V, Tcase = 25°C
300
mA
IGD
Gate non-trigger current
At 40% VDRM, Tcase = 125°C
TBD
mA


Similar Part No. - DCR5790M24

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR5790M24 DYNEX-DCR5790M24 Datasheet
723Kb / 9P
   Phase Control Thyristor
More results

Similar Description - DCR5790M24

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com