Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-11-W1C-ES1T2N-2T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 67-11-W1C-ES1T2N-2T
Description  Top View LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-11-W1C-ES1T2N-2T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  67-11-W1C-ES1T2N-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-11-W1C-ES1T2N-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
Top View LEDs
67-11/W1C-ES1T2N/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 3 of 12
Device No. : DSE-00001196
Date: 23-Dec.-2008
Prepared by:Ryan Chen
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Peak Forward Current (Duty 1/10 @1KHz)
IFP
100
mA
Power Dissipation
Pd
90
mW
Electrostatic Discharge
ESD
150
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Soldering Temperature
Tsol
Reflow Soldering : 260
for 10 sec.
Hand Soldering : 350
for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Luminous Intensity
IV
180
------
450
mcd
IF=20mA
Viewing Angle
1/2
--
120
--
deg
IF=20mA
Forward Voltage
VF
2.70
-----
3.70
V
IF=20mA
Reverse Current
IR
--
--
50
μA
VR=5V
Note:
1.Tolerance of Luminous Intensity: ±11%
2.Tolerance of Forward Voltage: ±0.1V


Similar Part No. - 67-11-W1C-ES1T2N-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-11-W1C-ES1T2N-2T EVERLIGHT-67-11-W1C-ES1T2N-2T Datasheet
188Kb / 12P
   Top View LEDs
More results

Similar Description - 67-11-W1C-ES1T2N-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21SURC A-BRIGHT-67-21SURC Datasheet
253Kb / 5P
   Top View LEDs
2009/2/20
logo
Everlight Electronics C...
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
61-238-RSGBB7C-B02-ET EVERLIGHT-61-238-RSGBB7C-B02-ET Datasheet
337Kb / 14P
   Top View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
   Top View LEDs
45-21UFC EVERLIGHT-45-21UFC Datasheet
253Kb / 14P
   Top View LEDs
67-21-G4C-BQ1T2N-2T EVERLIGHT-67-21-G4C-BQ1T2N-2T Datasheet
136Kb / 10P
   TOP View LEDs
67-21SUGC-S400-A4-TR8 EVERLIGHT-67-21SUGC-S400-A4-TR8 Datasheet
205Kb / 9P
   TOP View LEDs
67-21-T6C-MU2W1E-2T EVERLIGHT-67-21-T6C-MU2W1E-2T Datasheet
236Kb / 12P
   Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com