Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK3906010L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # FK3906010L
Description  Silicon N-channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FK3906010L Datasheet(HTML) 2 Page - Panasonic Semiconductor

  FK3906010L Datasheet HTML 1Page - Panasonic Semiconductor FK3906010L Datasheet HTML 2Page - Panasonic Semiconductor FK3906010L Datasheet HTML 3Page - Panasonic Semiconductor FK3906010L Datasheet HTML 4Page - Panasonic Semiconductor FK3906010L Datasheet HTML 5Page - Panasonic Semiconductor FK3906010L Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 Measuring methods for transistors.
*1 Turn-on and Turn-off test circuit
Page
Note)
1.
Electrical Characteristics Ta = 25
C  3C
Parameter
Symbol
Drain-source cutoff current
Drain-source breakdown voltage
VDSS
IDSS
Unit
Conditions
Min
Typ Max
Product Standards
MOS FET
FK3906010L
2of 5
A
VGS =
10 V, VDS = 0
ID = 1.0
A, VDS = 3.0 V
ID = 10 mA, VGS = 2.5 V
1.0
2.
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time
*1
V
ID = 1 mA, VGS = 0
60
VDS = 60 V, VGS = 0
toff
Gate-source cutoff current
Gate threshold voltage
Drain-source ON resistance
Forward transfer admittance
Turn-off time
*1
IGSS
VTH
RDS(on)
|Yfs|
VDS = 3 V, VGS = 0, f = 1 MHz
VDD = 3 V, VGS = 0 to 3 V,
Coss
Crss
ton
Ciss
ID = 10 mA
0.9
20
ID = 10 mA, VGS = 4.0 V
ID = 10 mA, VDS = 3.0 V
1.2
8
6
60
12
7
10
1.5
15
12
3
100
100
ID = 10 mA
VDD = 3 V, VGS = 3 to 0 V,
A
V
ns
ns
mS
pF
pF
pF
50Ω
VDD=3V
Vin
VGS=0~3V
ID=10mA
RL=300Ω
Vout
D
S
G
50Ω
VDD=3V
Vin
VGS=0~3V
ID=10mA
RL=300Ω
Vout
D
S
G
10%
90%
10%
90%
V GS
V out
ton
toff
Doc No. TT4-EA-12654
Revision. 3
Established : 2010-06-30
Revised
: 2013-08-28


Similar Part No. - FK3906010L

ManufacturerPart #DatasheetDescription
logo
API Delevan
FK30M API-FK30M Datasheet
90Kb / 1P
   Long stem heavy duty T-handle penetration probe
logo
Powerex Power Semicondu...
FK30SM-5 POWEREX-FK30SM-5 Datasheet
59Kb / 5P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FK30SM-5 ISC-FK30SM-5 Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Mitsubishi Electric Sem...
FK30SM-6 MITSUBISHI-FK30SM-6 Datasheet
53Kb / 5P
   HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FK30SM-6 POWEREX-FK30SM-6 Datasheet
59Kb / 5P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results

Similar Description - FK3906010L

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com