Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC86259P Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDMC86259P
Description  P-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC86259P Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDMC86259P Datasheet HTML 1Page - Fairchild Semiconductor FDMC86259P Datasheet HTML 2Page - Fairchild Semiconductor FDMC86259P Datasheet HTML 3Page - Fairchild Semiconductor FDMC86259P Datasheet HTML 4Page - Fairchild Semiconductor FDMC86259P Datasheet HTML 5Page - Fairchild Semiconductor FDMC86259P Datasheet HTML 6Page - Fairchild Semiconductor FDMC86259P Datasheet HTML 7Page - Fairchild Semiconductor FDMC86259P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
©2014 Fairchild Semiconductor Corporation
FDMC86259P Rev.C
Dimensional Outline and Pad Layout
NOTES: UNLESS OTHERWISE SPECIFIED
A) PACKAGE STANDARD REFERENCE:
JEDEC MO-240, ISSUE A, VAR. BA,
DATED OCTOBER 2002.
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE BURRS
OR MOLD FLASH. MOLD FLASH OR
BURRS DOES NOT EXCEED 0.10MM.
D) DIMENSIONING AND TOLERANCING PER
ASME Y14.5M-1994.
E) DRAWING FILE NAME: PQFN08HREV1
8
1
5
4
4
1
85
LAND PATTERN
RECOMMENDATION
14
85
PKG
C
L
PKG
L
C
PKG L
C
L
C
SYM
PKG
C
L
A
B
DETAIL A
SCALE: 2X
SEE
DETAIL A
3.40
3.20
3.40
3.20
1.95
0.65
0.37
0.27
(8X)
0.50
0.30
2.05
1.85
0.10 C A B
(0.34)
(2.27)
(0.52 TYP)
0.25
0.15
0.80
0.70
0.10 C
0.08 C
0.05
0.00
C
SEATING
PLANE
2.37 MIN
(0.45)
(0.40)
(0.65)
2.15 MIN
0.70 MIN
0.42 MIN
(8X)
1.95
0.65
PIN 1
INDICATOR
(0.33) TYP
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/dwg/PQ/PQFN08H.pdf.


Similar Part No. - FDMC86259P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8622 FAIRCHILD-FDMC8622 Datasheet
343Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 16 A, 56 m
logo
ON Semiconductor
FDMC8622 ONSEMI-FDMC8622 Datasheet
396Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FDMC86240 FAIRCHILD-FDMC86240 Datasheet
321Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDMC86244 FAIRCHILD-FDMC86244 Datasheet
324Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 9.4 A, 134 m廓
FDMC86248 FAIRCHILD-FDMC86248 Datasheet
262Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 13 A, 90 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com