Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HZM68ZWA Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HZM68ZWA
Description  Silicon Epitaxial Planar Zener Diode for Surge Absorb
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZM68ZWA Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HZM68ZWA Datasheet HTML 1Page - Hitachi Semiconductor HZM68ZWA Datasheet HTML 2Page - Hitachi Semiconductor HZM68ZWA Datasheet HTML 3Page - Hitachi Semiconductor HZM68ZWA Datasheet HTML 4Page - Hitachi Semiconductor HZM68ZWA Datasheet HTML 5Page - Hitachi Semiconductor HZM68ZWA Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HZM6.8ZWA
3
Main Characteristic
Fig.2 Power Dissipation Vs. Ambient Temperature
Ambient Temperature Ta ( °C)
Fig.1 Zener current Vs. Zener voltage
Zener Voltage
Vz (V)
Fig.3 Surge Reverse Power Ratings
t
PRSM
Ta = 25°C
nonrepetitive
Time t
(s)
0
2
10
10
10
10
8
10
10
6
4
-6
-5
-4
-3
-2
250
200
150
100
50
200
150
100
50
0
0
1.0mm
Printed circuit board
25 62 1.6t mm
Material:
Glass Epoxy Resin+Cu Foil
×
×
Cu Foil
10
10
1.0
10
10
1.0
10
10
10
10
10
4
3
2
-5
-4
-3
-2
-1


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn