Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC33716TA Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # BC33716TA
Description  NPN Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC33716TA Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BC33716TA Datasheet HTML 1Page - Fairchild Semiconductor BC33716TA Datasheet HTML 2Page - Fairchild Semiconductor BC33716TA Datasheet HTML 3Page - Fairchild Semiconductor BC33716TA Datasheet HTML 4Page - Fairchild Semiconductor BC33716TA Datasheet HTML 5Page - Fairchild Semiconductor BC33716TA Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC337 / BC338 Rev. 1.1.0
2
Thermal Characteristics(1)
Values are at TA = 25°C unless otherwise noted.
Note:
1. PCB size: FR-4, 76 mm x 114 mm x 1.57 mm (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
hFE Classification
Symbol
Parameter
Value
Unit
PD
Power Dissipation
625
mW
Derate Above 25
°C5.0
mW/
°C
RθJA
Thermal Resistance, Junction-to-Ambient
200
°C/W
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVCEO
Collector-Emitter
Breakdown Voltage
BC337
IC = 10 mA, IB = 0
45
V
BC338
25
BVCES
Collector-Emitter
Breakdown Voltage
BC337
IC = 0.1 mA, VBE = 0
50
V
BC338
30
BVEBO
Emitter-Base Breakdown Voltage
IE = 0.1 mA, IC = 0
5
V
ICES
Collector Cut-Off Current
BC337 VCE = 45 V, IB = 0
2
100
nA
BC338 VCE = 25 V, IB = 0
2
100
hFE1
DC Current Gain
VCE = 1 V, IC = 100 mA
100
630
hFE2
VCE = 1 V, IC = 300 mA
60
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 500 mA, IB = 50 mA
0.7
V
VBE(on)
Base-Emitter On Voltage
VCE = 1 V, IC = 300 mA
1.2
V
fT
Current Gain Bandwidth Product
VCE = 5 V, IC = 10 mA,
f = 50 MHz
100
MHz
Cob
Output Capacitance
VCB = 10 V, IE = 0,
f = 1 MHz
12
pF
Classification
16
25
40
hFE1
100 ~ 250
160 ~ 400
250 ~ 630
hFE2
60 ~
100 ~
170 ~


Similar Part No. - BC33716TA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC33716TA FAIRCHILD-BC33716TA Datasheet
190Kb / 5P
   BC337 / BC338 NPN Epitaxial Silicon Transistor
September 2015
More results

Similar Description - BC33716TA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com