Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS138BKS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BSS138BKS
Description  60 V, 320 mA dual N-channel Trench MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSS138BKS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BSS138BKS Datasheet HTML 5Page - NXP Semiconductors BSS138BKS Datasheet HTML 6Page - NXP Semiconductors BSS138BKS Datasheet HTML 7Page - NXP Semiconductors BSS138BKS Datasheet HTML 8Page - NXP Semiconductors BSS138BKS Datasheet HTML 9Page - NXP Semiconductors BSS138BKS Datasheet HTML 10Page - NXP Semiconductors BSS138BKS Datasheet HTML 11Page - NXP Semiconductors BSS138BKS Datasheet HTML 12Page - NXP Semiconductors BSS138BKS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
BSS138BKS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 12 August 2011
9 of 17
NXP Semiconductors
BSS138BKS
60 V, 320 mA dual N-channel Trench MOSFET
VDS > ID x RDSon
(1) Tj = 25 °C
(2) Tj = 150 °C
Fig 10. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 11. Normalized drain-source on-state resistance as
a function of junction temperature; typical
values
ID = 0.25 mA; VDS = VGS
(1) maximum values
(2) typical values
(3) minimum values
f = 1 MHz; VGS = 0 V
(1) Ciss
(2) Coss
(3) Crss
Fig 12. Gate-source threshold voltage as a function of
junction temperature
Fig 13. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
VGS (V)
0
3.0
2.0
1.0
aaa-000162
0.2
0.4
0.6
ID
(A)
0
(1)
(1)
(2)
(2)
Tj = (°C)
-60
180
120
060
aaa-000163
1
0.5
1.5
2
a
0
Tj (°C)
-60
180
120
060
aaa-000164
1
0.5
1.5
2
VGS(th)
(V)
0
(2)
(3)
(1)
aaa-000165
VDS (V)
10-1
102
10
1
10
102
C
(pF)
1
(1)
(2)
(3)


Similar Part No. - BSS138BKS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSS138BKS NEXPERIA-BSS138BKS Datasheet
1Mb / 17P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1 - 12 August 2011
logo
NXP Semiconductors
BSS138BKS PHILIPS-BSS138BKS_15 Datasheet
888Kb / 17P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011
More results

Similar Description - BSS138BKS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS138PS NXP-BSS138PS Datasheet
374Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010
BSS138BKS PHILIPS-BSS138BKS_15 Datasheet
888Kb / 17P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-12 August 2011
BSS138PS PHILIPS-BSS138PS_15 Datasheet
374Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1-2 November 2010
logo
Nexperia B.V. All right...
BSS138BKS NEXPERIA-BSS138BKS Datasheet
1Mb / 17P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1 - 12 August 2011
2N7002PS NEXPERIA-2N7002PS Datasheet
294Kb / 15P
   60 V, 320 mA dual N-channel Trench MOSFET
23 November 2020
BSS138PS NEXPERIA-BSS138PS Datasheet
920Kb / 16P
   60 V, 320 mA dual N-channel Trench MOSFET
Rev. 1 - 2 November 2010
BSS138PW NEXPERIA-BSS138PW Datasheet
904Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010
logo
NXP Semiconductors
BSS138PW PHILIPS-BSS138PW Datasheet
358Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-2 November 2010
BSS138BKW PHILIPS-BSS138BKW Datasheet
864Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-12 August 2011
BSS138BKW PHILIPS-BSS138BKW_15 Datasheet
864Kb / 16P
   60 V, 320 mA N-channel Trench MOSFET
Rev. 1-12 August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com