Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HZM68FA Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HZM68FA
Description  Silicon Epitaxial Planar Zener Diode for Surge Absorb
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZM68FA Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HZM68FA Datasheet HTML 1Page - Hitachi Semiconductor HZM68FA Datasheet HTML 2Page - Hitachi Semiconductor HZM68FA Datasheet HTML 3Page - Hitachi Semiconductor HZM68FA Datasheet HTML 4Page - Hitachi Semiconductor HZM68FA Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HZM6.8FA
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd
*1
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 to +150
°C
Note
1. Four device total, With P.C board.
Electrical Characteristics (Ta = 25°C)
*1
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Zener voltage
V
Z
6.47
7.0
V
I
Z = 5 mA, 40ms pulse
Reverse current
I
R
——
2
µAV
R = 3.5V
Capacitance
C
130
pF
V
R = 0V, f = 1 MHz
Dynamic resistance
r
d
——
30
I
Z = 5 mA
ESD-Capability
30
kV
C =150pF, R = 330
Ω, Both forward and
reverse direction 10 pulse
*2
Notes
1. Per one device.
2. Failure criterion ; IR > 2
µA at VR = 3.5V.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn