Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HZM27WA Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HZM27WA
Description  Silicon Epitaxial Planar Zener Diode for Surge Absorb
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZM27WA Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HZM27WA Datasheet HTML 1Page - Hitachi Semiconductor HZM27WA Datasheet HTML 2Page - Hitachi Semiconductor HZM27WA Datasheet HTML 3Page - Hitachi Semiconductor HZM27WA Datasheet HTML 4Page - Hitachi Semiconductor HZM27WA Datasheet HTML 5Page - Hitachi Semiconductor HZM27WA Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HZM27WA
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Power dissipation
Pd
*1
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55 to +150
°C
Note
1. Two device total, See Fig.2.
Electrical Characteristics (Ta = 25
°C) *1
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Zener voltage
V
Z
25.10
28.90 V
I
Z = 2 mA, 40ms pulse
Reverse current
I
R

2
µAV
R = 21V
Capacitance
*2
C
(27)
pF
V
R = 0V, f = 1 MHz
Dynamic resistance
r
d

70
I
Z = 2 mA
ESD-Capability
*3
30

kV
C =150pF, R = 330
Ω, Both forward and
reverse direction 10 pulse
Notes
1. Per one device.
2. Reference only.
3. Failure criterion ; IRÅÑ2
µA at VR = 21V.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn