Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVU131 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HVU131
Description  Silicon Epitaxial Planar Pin Diode for High Frequency Switching
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HVU131 Datasheet(HTML) 3 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVU131
3
Main Characteristic
Fig.1 Forward current Vs. Forward voltage
Fig.3 Capacitance Vs. Reverse voltage
Fig.4 Forward resistance Vs. Forward current
Fig.2 Reverse current Vs. Reverse voltage
0
0.2
0.4
0.6
0.8
1.0
Forward voltage V (V)
F
Reverse voltage V (V)
R
0.1
10
100
10
1.0
1.0
f=1MHz
Reverse voltage V (V)
R
10
10
10
10
10
10
10
2
-5
- 4
-3
-2
10
3
-1
f=100MHz
Forward current I
(A)
F
080
20
60
40
100
10
-9
10
10
-7
10
-8
10
-10
10
-12
10
-13
-11
Ta= 75
°C
Ta= -25
°C
Ta= 25
°C
10
1
0
10
10
-4
10
-6
10
-8
10
-10
-12
-2
Ta= 75
°C
Ta= -25
°C
Ta= 25
°C


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn