Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVU131 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HVU131
Description  Silicon Epitaxial Planar Pin Diode for High Frequency Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVU131 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HVU131 Datasheet HTML 1Page - Hitachi Semiconductor HVU131 Datasheet HTML 2Page - Hitachi Semiconductor HVU131 Datasheet HTML 3Page - Hitachi Semiconductor HVU131 Datasheet HTML 4Page - Hitachi Semiconductor HVU131 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVU131
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
V
RM
65
V
Reverse voltage
V
R
60
V
Forward current
I
F
100
mA
Power dissipation
P
d
150
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55 to +125
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
I
R
0.1
µAV
R = 60V
Forward voltage
V
F
1.0
V
I
F = 10 mA
Capacitance
C
0.8
pF
V
R = 1V, f = 1 MHz
Forward resistance
r
f
1.0
I
F = 10 mA, f = 100 MHz


Similar Part No. - HVU131

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVU131 RENESAS-HVU131 Datasheet
77Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Guangdong Kexin Industr...
HVU131 KEXIN-HVU131 Datasheet
31Kb / 1P
   Silicon Epitaxial Planar Pin Diode
logo
SHIKUES Electronics
HVU131 SKTECHNOLGY-HVU131 Datasheet
187Kb / 1P
   Low Capacitance Low Forward resistance
More results

Similar Description - HVU131

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC132 HITACHI-HVC132 Datasheet
22Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVC134 HITACHI-HVC134 Datasheet
23Kb / 6P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVD132 HITACHI-HVD132 Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Renesas Technology Corp
HVD133 RENESAS-HVD133 Datasheet
76Kb / 7P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Hitachi Semiconductor
HVU145 HITACHI-HVU145 Datasheet
36Kb / 6P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Renesas Technology Corp
HVC133 RENESAS-HVC133 Datasheet
81Kb / 7P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
logo
Hitachi Semiconductor
HVU133 HITACHI-HVU133 Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVC131 HITACHI-HVC131 Datasheet
22Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVU132 HITACHI-HVU132 Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
HVC133 HITACHI-HVC133 Datasheet
23Kb / 6P
   Silicon Epitaxial Planar Pin Diode for High Frequency Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com