Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVU131 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HVU131
Description  Silicon Epitaxial Planar Pin Diode for High Frequency Switching
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HVU131 Datasheet(HTML) 1 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HVU131
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
ADE-208-239E(Z)
Rev 5
Feb. 2000
Features
• Low capacitance.(C=0.8pF max)
• Low forward resistance. (rf=1.0Ω max)
• Ultra small Resin Package (URP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVU131
P1
URP
Outline
Cathode mark
Mark
12
1. Cathode
2. Anode
P1


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn