Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVD132 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HVD132
Description  Silicon Epitaxial Planar Pin Diode for High Frequency Switching
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HVD132 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HVD132 Datasheet HTML 1Page - Hitachi Semiconductor HVD132 Datasheet HTML 2Page - Hitachi Semiconductor HVD132 Datasheet HTML 3Page - Hitachi Semiconductor HVD132 Datasheet HTML 4Page - Hitachi Semiconductor HVD132 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HVD132
Silicon Epitaxial Planar Pin Diode for High Frequency Switching
ADE-208-830 (Z)
Rev 0
Nov. 1999
Features
• Low capacitance.(C=0.5pF max)
• Low forward resistance. (rf=2.0Ω max)
• Super small Flat Package (SFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Code
HVD132
2
SFP
Outline
Cathode mark
Mark
1. Cathode
2. Anode
12


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn