Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DC0000132 Datasheet(PDF) 1 Page - ERNI Electronics

Part No. DC0000132
Description  Messerleiste SMD, Powerm. 10mm Male Con. SMD. Powerm, 10mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

DC0000132 Datasheet(HTML) 1 Page - ERNI Electronics

  DC0000132 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
330
Verpackt im Gurt nach DIN IEC 60286-3
Tape on Reel Packaging according to DIN IEC 60286-3
Verpackungseinheit: 220 Stück
Packaging unit: 220 pcs
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
0,1 mm
Abspulrichtung -
Reel off Direction
a1
ohne Ansaughaube
without hood
a5
4 x 2 = 8
2
a1
16
PCB-layout proposal
1)
Leiterplatten-Layout Vorschlag /
1)
0,8
3
±0,03
11
±0,03
0,85
9
3 x 3 =
8
4 x 2 =
2
1,5
0,85
0,8
0,9
0,7 ±0,03
5,85
4,6
0,8
3,675
Ansaughaube
hood
8,95
11
0,6
12,15
0,5
12,15
A3
prior notice.
contact one of the ERNI companies
Date
07.02.2014
l
Index
MSPEED
Male Con. SMD, Powerm. 10mm
Messerleiste SMD, Powerm. 10mm
214552
5:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
1) Durchmesser des Bohrers /
drill tool


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn