Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F64C500V175A Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # F64C500V175A
Description  Military Qualified Product Listing MIL-F-15160 Fuses - Instruments, Power and Telephone
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

F64C500V175A Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  F64C500V175A Datasheet HTML 1Page - Cooper Bussmann, Inc. F64C500V175A Datasheet HTML 2Page - Cooper Bussmann, Inc. F64C500V175A Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Military Qualified Product Listing
MIL-F-15160 Fuses - Instruments, Power and Telephone
© 2008 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com
1108
BU-SB08840
Form No. MIL-F15160
Page 3 of 3
Data Sheet 2089
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Military Standard MIL-F-15160/60
13
/32”x 11/2” Fuses
F60C500V1/8A
F60C500V1/4A
F60C500V3/8A
F60C500V1/2A
F60C500V3/4A
F60C500V1A
F60C500V2A
F60C500V3A
F60C500V5A
F60C500V6A
F60C500V8A
F60C500V10A
F60C500V15A
F60C500V20A
F60C500V25A
F60C500V30A
*** Commercial version is KLM
Series. See Data Sheet 2020 for
more information.
Military Standard MIL-F-15160/61
9
/16” x 2” Fuses
F61C500V1A
F61C500V2A
F61C500V3A
F61C500V5A
F61C500V6A
F61C500V8A
F61C500V10A
F61C500V15A
F61C500V20A
F61C500V25A
F61C500V30A
*** Commercial version is KLC
Series.
Military Standard MIL-F-15160/62
13/16” x 3” Fuses
F62C500V35A
F62C500V40A
F62C500V45A
F62C500V50A
F62C500V60A
*** Commercial version is KLC
Series.
Military Standard MIL-F-15160/66
21/2”x 115/8”Fuses
F66C500V450A
F66C500V500A
F66C500V600A
Military Standard MIL-F-15160/63
1” x 57/8” Fuses
F63C500V70A
F63C500V80A
F63C500V90A
F63C500V100A
Military Standard MIL-F-15160/64
11/2”x 71/8” Fuses
F64C500V110A
F64C500V125A
F64C500V150A
F64C500V175A
F64C500V200A
Military Standard MIL-F-15160/65
2” x 85/8” Fuses
F65C500V225A
F65C500V250A
F65C500V300A
F65C500V350A
F65C500V400A
Military Standard MIL-F-15160/67
F67A Series was cancelled without
replacement on October 1986.
Military Standard MIL-F-15160/70
F70A Series was cancelled without
replacement on October 1990.
Military Standard MIL-F-15160/71
F71A Series was cancelled without
replacement on October 1990.
Military Standard MIL-F-15160/72
F72A Series was cancelled without
replacement on January 1990.
Military Standard MIL-F-15160/73
F73A Series was cancelled without
replacement on January 1990.
Military Standard MIL-F-15160/74
F74A Series was cancelled without
replacement on January 1990.
Military Standard MIL-F-15160/76
F76A Series was cancelled without
replacement on January 1990.
Military Standard MIL-F-15160/77
F77A Series was cancelled without
replacement on June 2000.
Military Standard MIL-F-15160/39
F39A and F39B Series are inactive for
new design after December 1990.
Military Standard MIL-F-15160/40
F40A and F40B Series are inactive for
new design after December 1990.
Military Standard MIL-F-15160/50
F50A Series was cancelled without
replacement on June 2000.
Military Standard MIL-F-15160/52
F52A Series was cancelled without
replacement on January 1990.
Note: When silver-plated fuse caps are required, simply suffix the letter “S” to the Type
Designation Number; i.e., “F02A250V1/2AS.”
*Indicates a product not available with silver-plated caps.
**Indicates a product available only with silver-plated caps.
*** Commercial equivalent part number is for basic design reference only. Not intended
to be used as a substitute for the military part number.


Similar Part No. - F64C500V175A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
F64C500V175A EATON-F64C500V175A Datasheet
570Kb / 4P
   MIL-F-15160 military qualified fuses instruments, power and telephone
More results

Similar Description - F64C500V175A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
F60C500V20AS COOPER-F60C500V20AS Datasheet
157Kb / 3P
   Military Qualified Product Listing MIL-F-15160 Fuses - Instruments, Power and Telephone
logo
Eaton All Rights Reserv...
MIL-F-15160 EATON-MIL-F-15160 Datasheet
570Kb / 4P
   MIL-F-15160 military qualified fuses instruments, power and telephone
logo
Cooper Bussmann, Inc.
F03A250V1-1-2A COOPER-F03A250V1-1-2A Datasheet
157Kb / 3P
   MIL-F-15160 Fuses - Instruments, Power and Telephone
FM08A125V2-1-2A COOPER-FM08A125V2-1-2A Datasheet
64Kb / 1P
   Military Qualified Product Listing MIL-F-23419 Instrument Type Environmental Tested Fuses
F03B125V10AS COOPER-F03B125V10AS Datasheet
157Kb / 3P
   Military Qualified Product Listing
F09B250V5AS COOPER-F09B250V5AS Datasheet
157Kb / 3P
   Military Qualified Product Listing
logo
Vishay Siliconix
RN60D3483FR36 VISHAY-RN60D3483FR36 Datasheet
160Kb / 5P
   Metal Film Resistors, Military MIL-R-10509 Qualified, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 28-Aug-06
RN50C1501FB14 VISHAY-RN50C1501FB14 Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified
Revision: 02-May-13
logo
Ohmite Mfg. Co.
81NFR10 OHMITE-81NFR10 Datasheet
150Kb / 1P
   Military Grade 80 Series MIL-R-26 Qualified
logo
Vishay Siliconix
RN55D5621F VISHAY-RN55D5621F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com