Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX1148T Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # HX1148T
Description  10/100 Base-T Single Port Transformer Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

HX1148T Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  HX1148T Datasheet HTML 1Page - Pulse A Technitrol Company HX1148T Datasheet HTML 2Page - Pulse A Technitrol Company HX1148T Datasheet HTML 3Page - Pulse A Technitrol Company HX1148T Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H303.AA (10/13)
1
pulseelectronics.com
10/100 Base-T Single Port
Transformer Modules
With 1:1 Transmit Turns Ratios
RoHS peak reflow temperature rating: 245�C
Compatible with Broadcom, Intel, Microtel, National
Semiconductor, ICS, and TDK Transceivers
Meets IEEE 802.3 specification
H1012NL, H1086NL, HX1148NL
Mechanical
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
Electrical Specifications @ 25°C - Operating Temperature 0°C to 70°C
RoHS
Compliant
Part Number
Insertion
Loss
(dB MAX)
Return Loss
(dB MIN @ 100
Ω)
Hipot
(Vrms MIN)
0.1-100 MHz 1-30 MHz
40 MHz
50 MHz
60-80 MHz
30 MHz
60 MHz
100 MHz
30 MHz
60 MHz
100 MHz
H1012NL
-1.0
-20
-20
-18
-14
-42
-36
-33
-50
-40
-40
1500
H1086NL
-1.0
-22
-20
-18
-12
-45
-40
-35
-50
-40
-40
1500
HX1148NL
-1.5
-18
-13.5
-11.5
-10
-42
-37
-33
-50
-40
-40
1500
Notes:
1. HX = Operating temperature: -40 + 85 C.
2. Unless specified, operating temperature is 0� to 70� C.
3. When ordering Tape & Reel packaging, add a “T” suffix to the end of the part
number, e.g. H1012NLT.
Weight ......................3.0 grams
Dimensions:
Unless otherwise specified, all tolerances are ±
Inches
mm
.010
0,25
4. MSL = Moisture Sensitivity Level: a= 1, b = 2, C = 3, d = 4
4d
3
4c
1, 4d
Differential to Common
Mode Rejection
(dB MIN)
Crosstalk
(dB TYP)


Similar Part No. - HX1148T

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HX1148T PULSE-HX1148T Datasheet
527Kb / 5P
   10/100 base -t single port TRANSFORMER MODULES
More results

Similar Description - HX1148T

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST1086-LF BOTHHAND-16ST1086-LF Datasheet
70Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1086 BOTHHAND-16ST1086 Datasheet
186Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST8522 BOTHHAND-16ST8522 Datasheet
151Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
HX1148NL PULSE-HX1148NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
HX1148NLT PULSE-HX1148NLT Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H303 PULSE-H303_15 Datasheet
419Kb / 3P
   10/100 Base-T Single Port Transformer Modules
logo
Bothhand USA, LP.
12ST1112LF BOTHHAND-12ST1112LF Datasheet
159Kb / 2P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1012NL PULSE-H1012NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Bothhand USA, LP.
16ST8516 BOTHHAND-16ST8516 Datasheet
185Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST8522C BOTHHAND-16ST8522C Datasheet
157Kb / 1P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com