Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HVC300A Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HVC300A
Description  Variable Capacitance Diode for VHF tuner
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HVC300A Datasheet(HTML) 2 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVC300A
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
32
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55 to +125
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse current
I
R1
10
nA
V
R = 30V
I
R2
100
V
R = 30V, Ta = 60 °C
Capacitance
C
2
39.5
47.4
pF
V
R = 2V, f = 1 MHz
C
25
2.60
3.03
V
R = 25V, f = 1 MHz
Capacitance ratio
n
14.5
C
2/ C25
Series resistance
r
s
1.10
V
R = 5V, f = 470 MHz
Matching error
∆C/C*1
2.0
%
V
R = 2 to 25V, f = 1 MHz
Note
1.
C.C system (Continuous Connected taping system) enable to make any 10 pcs of
∆C/C
continuous in a reel , expect extention to another group.
Calculate Matching Error,
(Cmax-Cmin)
C/C=
x 100 (%)
Cmin


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HVC202BVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Hitachi Semiconductor
HVU307Variable Capacitance Diode for VHF tuner 1 2 3 4 5 Hitachi Semiconductor
HVC202AVariable Capacitance Diode for UFH/VHF Tuner 1 2 Leshan Radio Company
HVU300BVariable Capacitance Diode for VHF Tuner 1 2 Leshan Radio Company
RKV5000DKKVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVC326CVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVC300BVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Hitachi Semiconductor
HVU306AVariable Capacitance Diode for VHF Tuner 1 2 Leshan Radio Company
HVC328CVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVC306AVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Hitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn