Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSU119 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HSU119
Description  Silicon Epitaxial Planar Diode for High Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSU119 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HSU119 Datasheet HTML 1Page - Hitachi Semiconductor HSU119 Datasheet HTML 2Page - Hitachi Semiconductor HSU119 Datasheet HTML 3Page - Hitachi Semiconductor HSU119 Datasheet HTML 4Page - Hitachi Semiconductor HSU119 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSU119
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Value
Unit
Peak reverse voltage
V
RM
85
V
Reverse voltage
V
R
80
V
Average forward current
I
O
100
mA
Peak rectified current
I
FM
300
mA
Non-Repetitive peak
forward surge current
I
FSM
*1
4A
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Note:
1. Within 1
µ s forward surge current.
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F1
0.8
V
I
F = 10 mA
V
F2
1.2
I
F = 100 mA
Reverse current
I
R
0.1
µAV
R = 80V
Capacitance
C
2.0
pF
V
R = 0V, f = 1 MHz
Reverse recovery
time
*1
t
rr
3.0
ns
I
F = 10 mA, VR = 6V RL= 50Ω
Note:
1. Reverse recovery time test circuit
3k
0.1µF
Ro =50
Rin =50
DC
Supply
Pulse
Generator
Sampling
Oscilloscope
Trigger


Similar Part No. - HSU119

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSU119 RENESAS-HSU119 Datasheet
54Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
More results

Similar Description - HSU119

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS118 HITACHI-1SS118 Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
HSM2838C HITACHI-HSM2838C Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S HITACHI-HSB124S Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSM2836C RENESAS-HSM2836C Datasheet
148Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
1S2074 RENESAS-1S2074 Datasheet
238Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
1S2075 RENESAS-1S2075 Datasheet
144Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
RKS100KG RENESAS-RKS100KG Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSM124S RENESAS-HSM124S Datasheet
65Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S RENESAS-HSB124S Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com