Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ90A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # P4SMAJ90A
Description  Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P4SMAJ90A Datasheet(HTML) 2 Page - Diotec Semiconductor

  P4SMAJ90A Datasheet HTML 1Page - Diotec Semiconductor P4SMAJ90A Datasheet HTML 2Page - Diotec Semiconductor P4SMAJ90A Datasheet HTML 3Page - Diotec Semiconductor P4SMAJ90A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P4SMAJ5.0 ... P4SMAJ170CA
Maximum ratings
Grenzwerte
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
bidir. = C / CA
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
P4SMAJ5.0
5.0
800
6.4 *)
7.8 *)
10.3
38.8
P4SMAJ5.0A
5.0
800
6.4 *)
7.0 *)
9.2
43.5
P4SMAJ6.5
6.5
500
7.2 *)
8.8 *)
12.3
32.5
P4SMAJ6.5A
6.5
500
7.2 *)
8.0 *)
11.2
35.7
P4SMAJ7.0
7.0
200
7.8 *)
9.5 *)
13.3
30.1
P4SMAJ7.0A
7.0
200
7.8 *)
8.7 *)
12.0
33.3
P4SMAJ7.5
7.5
100
8.3
10.1
14.3
28.0
P4SMAJ7.5A
7.5
100
8.3
9.2
12.9
31.0
P4SMAJ8.0
8.0
50
8.9
10.9
15.0
26.7
P4SMAJ8.0A
8.0
50
8.9
9.9
13.6
29.4
P4SMAJ8.5
8.5
10
9.4
11.5
15.9
25.2
P4SMAJ8.5A
8.5
10
9.4
10.4
14.4
27.8
P4SMAJ9.0
9.0
5
10.0
12.2
16.9
23.7
P4SMAJ9.0A
9.0
5
10.0
11.1
15.4
26.0
P4SMAJ10
10
5
11.1
13.5
18.8
21.3
P4SMAJ10A
10
5
11.1
12.3
17.0
23.5
P4SMAJ11
11
5
12.2
14.9
20.1
19.9
P4SMAJ11A
11
5
12.2
13.5
18.2
22.0
P4SMAJ12
12
5
13.3
16.2
22.0
18.2
P4SMAJ12A
12
5
13.3
14.8
19.9
20.1
P4SMAJ13
13
5
14.4
17.6
23.8
16.8
P4SMAJ13A
13
5
14.4
16.0
21.5
18.6
P4SMAJ14
14
5
15.6
19.0
25.8
15.5
P4SMAJ14A
14
5
15.6
17.3
23.2
17.2
P4SMAJ15
15
5
16.7
20.4
26.9
14.9
P4SMAJ15A
15
5
16.7
18.6
24.4
16.4
P4SMAJ16
16
5
17.8
21.7
28.8
13.9
P4SMAJ16A
16
5
17.8
19.8
26.0
15.4
P4SMAJ17
17
5
18.9
23.1
30.5
13.1
P4SMAJ17A
17
5
18.9
21.0
27.6
14.5
P4SMAJ18
18
5
20.0
24.4
32.2
12.4
P4SMAJ18A
18
5
20.0
22.2
29.2
13.7
P4SMAJ20
20
5
22.2
27.1
35.8
11.2
P4SMAJ20A
20
5
22.2
24.6
32.4
12.3
P4SMAJ22
22
5
24.4
29.8
39.4
10.2
P4SMAJ22A
22
5
24.4
27.1
35.5
11.3
P4SMAJ24
24
5
26.7
32.6
43.0
9.3
P4SMAJ24A
24
5
26.7
29.6
38.9
10.3
P4SMAJ26
26
5
28.9
35.3
46.6
8.6
P4SMAJ26A
26
5
28.9
32.1
42.1
9.5
P4SMAJ28
28
5
31.1
37.9
50.0
8.0
P4SMAJ28A
28
5
31.1
34.5
45.4
8.8
P4SMAJ30
30
5
33.3
40.1
53.5
7.5
P4SMAJ30A
30
5
33.3
36.9
48.4
8.3
P4SMAJ33
33
5
36.7
44.8
59.0
6.8
P4SMAJ33A
33
5
36.7
40.7
53.3
7.5
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - P4SMAJ90A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ90A PANJIT-P4SMAJ90A Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
P4SMAJ90A PANJIT-P4SMAJ90A Datasheet
179Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Surge Components
P4SMAJ90A SURGE-P4SMAJ90A Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Yea Shin Technology Co....
P4SMAJ90A YEASHIN-P4SMAJ90A Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
Transys Electronics
P4SMAJ90A TRSYS-P4SMAJ90A Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ90A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com