Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSM276SR Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HSM276SR
Description  Silicon Schottky Barrier Diode for Balanced Mixer
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSM276SR Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HSM276SR Datasheet HTML 1Page - Hitachi Semiconductor HSM276SR Datasheet HTML 2Page - Hitachi Semiconductor HSM276SR Datasheet HTML 3Page - Hitachi Semiconductor HSM276SR Datasheet HTML 4Page - Hitachi Semiconductor HSM276SR Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSM276SR
2
Electrical Characteristics (Ta = 25°C)*1
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse voltage
V
R
3.0
V
I
R = 1mA
Reverse current
I
R
——50
µAV
R = 0.5V
Forward current
I
F
35
mA
V
F = 0.5V
Capacitance
C
0.90
pF
V
R = 0.5V, f = 1MHz
Capacitance deviation
∆C
0.10
pF
V
R = 0.5V, f = 1MHz
ESD Capability
30
V
*
2C = 200pF, Both forward and
reverse direction 1 pulse
Notes: 1. Per one device
2. Failure Criterrion; I
R ≥ 100µA at VR = 0.5V
Forward voltage V (V)
F
10
10
0
0.4
1.0
0.6
10
0.2
10
10
0.8
–2
–1
–3
–4
–5
Fig.1 Forward current Vs. Forward voltage


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn