Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSM276SR Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HSM276SR
Description  Silicon Schottky Barrier Diode for Balanced Mixer
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSM276SR Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HSM276SR Datasheet HTML 1Page - Hitachi Semiconductor HSM276SR Datasheet HTML 2Page - Hitachi Semiconductor HSM276SR Datasheet HTML 3Page - Hitachi Semiconductor HSM276SR Datasheet HTML 4Page - Hitachi Semiconductor HSM276SR Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HSM276SR
Silicon Schottky Barrier Diode for Balanced Mixer
ADE-208-040D (Z)
Rev. 4
Aug. 1994
Features
• High forward current, Low capacitance.
• HSM276SR which is interconnected in series configuration is designed for balanced mixer use.
• MPAK package is suitable for high density surface mounting and high speed assembly.
Ordering Information
Type No.
Laser Mark
Package Code
HSM276SR
C9
MPAK
Pin Arrangement
1 Anode 1
2 Cathode 2
3 Cathode 1
Anode 2
(Top View)
2
1
3
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
3V
Average forward current
I
O*30
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Note:
Per one device


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn