Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX1189 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # TX1189
Description  T1/CEPT/ISDN-PRI TRANSFORMERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TX1189 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  TX1189 Datasheet HTML 1Page - Pulse A Technitrol Company TX1189 Datasheet HTML 2Page - Pulse A Technitrol Company TX1189 Datasheet HTML 3Page - Pulse A Technitrol Company TX1189 Datasheet HTML 4Page - Pulse A Technitrol Company TX1189 Datasheet HTML 5Page - Pulse A Technitrol Company TX1189 Datasheet HTML 6Page - Pulse A Technitrol Company TX1189 Datasheet HTML 7Page - Pulse A Technitrol Company TX1189 Datasheet HTML 8Page - Pulse A Technitrol Company TX1189 Datasheet HTML 9Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
US 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com
T1/CEPT/ISDN-PRI TRANSFORMERS
Single Through Hole, 1500 Vrms
Extended and standard temperature range
Dual and single through hole models available
Models matched to leading transceiver ICs
Most models UL and BABT recognized
Isolation Voltage: 1500 Vrms MIN
Lead-Free versions available upon request
Electrical Specifications @ 25°C
Notes: Leads are 24 AWG solderable.
Unused pins not provided.
.250
MAX
6,35
.130
3,30
.200
5,08
.100
2,54
5
3
1
6
4
2
PE-6XXXX
Date Code
.350
MAX
8,89
.500
MAX
12,70
.400
10,16
2
1
65
4
1
65
3
1
5
26
3
1
5
26
3
4
1
5
26
4
13
2
24
5
Weight . . . . . . . . . 1.2 grams
Tube . . . . . . . . . . . . .60/tube
Mechanical
Schematics
(See Pages 6 and 7 for Table Notes)
Turns Ratio B
OCL @ 25°C
CW/W
LL
DCR Pri
DCR Sec
Package/
Primary
Part Number
(Pri:Sec ±5%)
(mH MIN)
(pF MAX)
(µH MAX)
(
Ω MAX)
(
Ω MAX)
Schematic
Pins
STANDARD TEMPERATURE RANGE SINGLE TRANSFORMERS – OPERATING TEMPERATURE 0°C TO +70°C
PE-64931 G
1:1:1 (1:2CS)
1.20
25
0.50
0.70
0.70 & 0.70
HC/2
1-2
PE-64933
1CT:3CT
1.20
30
0.50
0.70
1.60
HC/4
1-5
PE-64934
1:1
1.20
25
0.50
0.70
0.70
HC/1
1-2
PE-64936
1CT:1
1.20
25
0.80
0.70
0.70
HC/3
1-5
PE-64937
1:1.36
1.20
35
0.80
0.70
0.80
HC/1
5-6
PE-64940
1.26CS:1 (1:1:1.58)
0.30
30
0.60
0.80
0.60
HC/2
1-4
PE-64941 D
1CS:1
0.80
30
0.60
0.80
0.60
HC/2
1-4
PE-64942
1CS:1.31
0.80
30
0.40
0.80
0.60
HC/2
1-4
PE-64943 A
1CT:2CT
1.20
30
0.30-0.55
0.70
1.20
HC/4
1-5
PE-65351 G
1:2CT
1.20
40
0.50
0.70
1.30
HC/3
2-6
PE-65363
1:4CT
0.50
40
1.00
0.50
1.50
HC/5
1-5
PE-65379
1:1.14CT
1.20
35
0.80
0.70
0.80
HC/5
1-5
PE-65388
1:1.15CT
1.50
35
0.60
0.70
0.90
HC/3
2-6
PE-65389 E
1:1/1.26
1.50
40
0.40
0.70
0.90
HC/3
2-6
PE-65415
1CT:2CT
1.20
30
0.50
0.70
1.20
HC/4
1-5
PE-65558
1:2.3CT
1.20
35
0.80
0.70
1.40
HC/5
1-5
PE-65586
1:1.36CT
1.20
35
0.80
0.70
0.90
HC/5
1-5
PE-65755
1CT:1CT
1.20
25
0.80
0.80
0.80
HC/4
1-5
PE-68644
1CT:1
0.70
20
0.70
0.20
0.80
HC/3
1-5
PE-68645
1:1.36CT
0.70
20
0.70
0.50
0.40
HC/5
1-5
T1054
1:1.5CT
1.20
30
0.60
0.70
1.00
HC/3
2-6
T1249
1:1.26CT
1.20
60
0.80
0.90
1.00
HC/4
2-6
EXTENDED TEMPERATURE RANGE SINGLE TRANSFORMERS 1 – OPERATING TEMPERATURE -40°C TO +85°C
PE-65340
1:1.36
1.20
35
0.80
0.90
1.20
HC/1
5-6
PE-65770
1:1.15CT
1.50
40
0.80
0.90
1.00
HC/3
2-6
PE-65771
1CT:2CT
1.20
50
0.60
1.00
2.00
HC/4
2-6
PE-65778
1CT:1CT
1.20
40
1.00
1.00
1.00
HC/4
1-5
PE-68600
1CT:3CT
1.20
60
0.80
0.90
2.70
HC/4
1-5
PE-68664 E
1:1/1.26
1.50
50
0.80
0.90
1.10
HC/3
2-6
TX1252
1CT:1
1.20
40
1.00
1.00
1.00
HC/3
1-5
4
HC
Unless otherwise specified, all tolerances are ± .010
0,25
Dimensions: Inches
mm
T608.R (11/04)


Similar Part No. - TX1189

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX1189 ETC1-TX1189 Datasheet
242Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS Dual Surface Mount, 1500 Vrms, Extended and Standard Temperature Range
logo
Pulse A Technitrol Comp...
TX1189 PULSE-TX1189 Datasheet
291Kb / 8P
   T1/CEPT/ISDN-PRI TRANSFORMERS
TX1189 PULSE-TX1189 Datasheet
154Kb / 8P
   TRANSFORMERS
TX1189NL PULSE-TX1189NL Datasheet
154Kb / 8P
   TRANSFORMERS
More results

Similar Description - TX1189

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S5813 BOTHHAND-S5813 Datasheet
65Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
S5821 BOTHHAND-S5821 Datasheet
67Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF00123D XFMRS-XF00123D_09 Datasheet
55Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com