Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSK120 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HSK120
Description  Silicon Epitaxial Planar Diode for High Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSK120 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HSK120 Datasheet HTML 1Page - Hitachi Semiconductor HSK120 Datasheet HTML 2Page - Hitachi Semiconductor HSK120 Datasheet HTML 3Page - Hitachi Semiconductor HSK120 Datasheet HTML 4Page - Hitachi Semiconductor HSK120 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSK120
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Peak reverse voltage
V
RM
70
V
Reverse voltage
V
R
60
V
Peak forward current
I
FM
450
mA
Non-Repetitive peak
forward surge current
I
FSM
*1
4A
Average rectified current
I
O
150
mA
Junction temperature
Tj
175
°C
Storage temperature
Tstg
-65 to +175
°C
Note
1. Within 1
µs forward surge current..
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F
0.8
V
I
F = 10 mA
Reverse voltage
V
R
70
V
I
R = 5µA
Reverse current
I
R
0.1
µAV
R = 60V
Capacitance
C
3.0
pF
V
R = 0V, f = 1 MHz
Reverse recovery
time
t
rr
3.0
ns
I
F = 10 mA, VR = 6V, RL = 50Ω, I rr = 0.1IR


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn