Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XUAN1919-KM407P4-36510 Datasheet(PDF) 15 Page - Everlight Electronics Co., Ltd

Part No. XUAN1919-KM407P4-36510
Description  36V/8W series
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

XUAN1919-KM407P4-36510 Datasheet(HTML) 15 Page - Everlight Electronics Co., Ltd

Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DATASHEET
XUAN1313
36V/8W Series
15
Copyright © 2013, Everlight All Rights Reserved. Release Date:December.10.2013. Issue No: DHE-0002296 Rev:3
www.everlight.com
Typical Electro-Optical Characteristic Curve
Relative Spectral Distribution
@ Substrate Temperature = 25℃
400
500
600
700
800
0.0
0.2
0.4
0.6
0.8
1.0
Warm-White
Neutral-White
Cool-White
Wavelength(nm)
Relative Luminous Flux vs. Substrate Temperature
@Forward Current = 240mA
25
35
45
55
65
75
85
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Substrate Temperature(
oC)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn