Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XUAN1919-KM407P4-36510 Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part No. XUAN1919-KM407P4-36510
Description  36V/8W series
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

XUAN1919-KM407P4-36510 Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DATASHEET
XUAN1313
36V/8W Series
10
Copyright © 2013, Everlight All Rights Reserved. Release Date:December.10.2013. Issue No: DHE-0002296 Rev:3
www.everlight.com
Cool-White Bin Structure
Cool-White Bin Coordinates
5000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
50K-1
0.3463
0.3687
50K-2
0.3376
0.3616
0.3551
0.3760
0.3463
0.3687
0.3533
0.3620
0.3451
0.3554
0.3451
0.3554
0.3371
0.3490
Reference Range: 4743~5011K
Reference Range: 5013~5308K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
50K-4
0.3451
0.3554
50K-3
0.3371
0.3490
0.3533
0.3620
0.3451
0.3554
0.3515
0.3487
0.3440
0.3427
0.3440
0.3427
0.3366
0.3369
Reference Range: 4743~5011K
Reference Range: 5013~5308K
5700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
57K-1
0.3290
0.3538
57K-2
0.3207
0.3462
0.3376
0.3616
0.3290
0.3538
0.3371
0.3490
0.3290
0.3417
0.3290
0.3417
0.3215
0.3350
Reference Range: 5308~5643K
Reference Range: 5643~6017K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
57K-4
0.3290
0.3417
57K-3
0.3215
0.3350
0.3371
0.3490
0.3290
0.3417
0.3366
0.3369
0.3290
0.3300
0.3290
0.3300
0.3222
0.3243
Reference Range: 5308~5643K
Reference Range: 5643~6017K


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn