Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XUAN1919-KM407P4-36510 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part No. XUAN1919-KM407P4-36510
Description  36V/8W series
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XUAN1919-KM407P4-36510 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button XUAN1919-KM407P4-36510 Datasheet HTML 4Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 5Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 6Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 7Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 8Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 9Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 10Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 11Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 12Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DATASHEET
XUAN1313
36V/8W Series
8
Copyright © 2013, Everlight All Rights Reserved. Release Date:December.10.2013. Issue No: DHE-0002296 Rev:3
www.everlight.com
Warm-White Bin Structure
Warm-White Bin Coordinates
3500K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
35K-1
0.4080
0.3916
35K-2
0.3941
0.3848
0.4146
0.4089
0.3996
0.4015
0.4299
0.4165
0.4146
0.4089
0.4221
0.3984
0.4080
0.3916
Reference Range: 3209~3448K
Reference Range: 3449~3710K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
35K-4
0.3889
0.3690
35K-3
0.4017
0.3751
0.3941
0.3848
0.4080
0.3916
0.4080
0.3916
0.4221
0.3984
0.4017
0.3751
0.4147
0.3814
Reference Range: 3209~3448K
Reference Range: 3449~3710K


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn