Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XUAN1919-KM407P4-36510 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part No. XUAN1919-KM407P4-36510
Description  36V/8W series
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XUAN1919-KM407P4-36510 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  XUAN1919-KM407P4-36510 Datasheet HTML 1Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 2Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 3Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 4Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 5Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 6Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 7Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 8Page - Everlight Electronics Co., Ltd XUAN1919-KM407P4-36510 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DATASHEET
XUAN1313
36V/8W Series
5
Copyright © 2013, Everlight All Rights Reserved. Release Date:December.10.2013. Issue No: DHE-0002296 Rev:3
www.everlight.com
PN of the XUAN1313 Series : White LEDs
Color
Order Code of XUAN1313
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
CCT (K)
Forward
Voltage
(V)
Forward
Current
(mA)
CRI
(min.)
XUAN1313-KM277P1-36408-390T
900
985
27K-1~27K-4
33.0~41.0
240
80
XUAN1313-KM307P1-36408-390T
900
1030
30K-1~30K-4
33.0~41.0
240
80
XUAN1313-KM357P1-36408-390T
900
1060
35K-1~35K-4
33.0~41.0
240
80
XUAN1313-KM407P1-36408-390T
900
1090
40K-1~40K-4
33.0~41.0
240
80
XUAN1313-KM457P1-36408-390T
900
1110
45K-1~45K-4
33.0~41.0
240
80
XUAN1313-KT507P2-36408-390T
1000
1120
50K-1~50K-4
33.0~41.0
240
80
XUAN1313-KT577P2-36408-390T
1000
1150
57K-1~57K-4
33.0~41.0
240
80
XUAN1313-KT657P2-36408-390T
1000
1150
65K-1~65K-4
33.0~41.0
240
80
Notes:
1.
CRI measurement tolerance: ±2.
2.
Luminous flux measurement tolerance: ±10%.
3.
The data of luminous flux measured at thermal pad=25
4.
Typical luminous flux or light output performance is operated within the condition guided by this datasheet.
Warm
White
3000
Warm
White
2700
Warm
White
3500
Neutral
White
4000
Neutral
White
4500
Cool
White
5000
Cool
White
5700
Cool
White
6500


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn