Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XUAN1919-KM407P4-36510 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part No. XUAN1919-KM407P4-36510
Description  36V/8W series
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

XUAN1919-KM407P4-36510 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DATASHEET
XUAN1313
36V/8W Series
4
Copyright © 2013, Everlight All Rights Reserved. Release Date:December.10.2013. Issue No: DHE-0002296 Rev:3
www.everlight.com
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Max. DC Forward Current (mA) [4],[5]
IF
480
mA
Max. Pulse Forward Current (mA)
IP
720
mA
Power Dissipation
Pd
19
W
Thermal Resistance
Rth
1.5
°C/W
Max. Junction Temperature
TJ
120
°C
Operating Temperature[4],[5]
TOpr
-40 ~ +85
°C
Storage Temperature
TStg
-40 ~ +85
°C
Notes:
1.
For optimal performance, Everlight recommends 240mA operation.
2.
tp
≦100ms, Duty cycle = 25%
3.
The XUAN1313 36V/8W series LEDs are not designed for reverse bias use.
4.
Power dissipation and forward current are the value when the module temperature is set lower than the rating by
using an adequate heat sink.
5.
Tb
= 25 ℃
1
2
Tb
Tb
Tb
Tb
TTTTjjjj
Measuring point for
case temperature
Rth
Rth
Rth
Rth


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn