Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XUAN1919-KM407P4-36510 Datasheet(PDF) 20 Page - Everlight Electronics Co., Ltd

Part No. XUAN1919-KM407P4-36510
Description  36V/8W series
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo 

XUAN1919-KM407P4-36510 Datasheet(HTML) 20 Page - Everlight Electronics Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
DATASHEET
XUAN1313
36V/8W Series
20
Copyright © 2013, Everlight All Rights Reserved. Release Date:December.10.2013. Issue No: DHE-0002296 Rev:3
www.everlight.com
Product Labeling
Label Explanation
CPN: Customer Specification (when required)
P/N : Everlight Production Number
QTY: Packing Quantity
CAT: Luminous Flux (Brightness) Bin
HUE: Color Bin
REF: Forward Voltage Bin
LOT No: Lot Number
MADE IN TAIWAN: Production Place
Carrier Tray Specification
Loaded Quantity:63 PCS Per Tray
LED Direction
The
Recycle mark on the LEDs will be toward the Anode mark on the carrier tray.
Moisture Resistant Packaging
Notes:
1.
Dimensions are in millimeters
2.
Tolerances unless mentioned are ± 0.1mm
Recycle mark
Electrode mark


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn