Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XUAN1919-KM357P4-36510 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # XUAN1919-KM357P4-36510
Description  36V/8W series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

XUAN1919-KM357P4-36510 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button XUAN1919-KM357P4-36510 Datasheet HTML 4Page - Everlight Electronics Co., Ltd XUAN1919-KM357P4-36510 Datasheet HTML 5Page - Everlight Electronics Co., Ltd XUAN1919-KM357P4-36510 Datasheet HTML 6Page - Everlight Electronics Co., Ltd XUAN1919-KM357P4-36510 Datasheet HTML 7Page - Everlight Electronics Co., Ltd XUAN1919-KM357P4-36510 Datasheet HTML 8Page - Everlight Electronics Co., Ltd XUAN1919-KM357P4-36510 Datasheet HTML 9Page - Everlight Electronics Co., Ltd XUAN1919-KM357P4-36510 Datasheet HTML 10Page - Everlight Electronics Co., Ltd XUAN1919-KM357P4-36510 Datasheet HTML 11Page - Everlight Electronics Co., Ltd XUAN1919-KM357P4-36510 Datasheet HTML 12Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DATASHEET
XUAN1313
36V/8W Series
8
Copyright © 2013, Everlight All Rights Reserved. Release Date:December.10.2013. Issue No: DHE-0002296 Rev:3
www.everlight.com
Warm-White Bin Structure
Warm-White Bin Coordinates
3500K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
35K-1
0.4080
0.3916
35K-2
0.3941
0.3848
0.4146
0.4089
0.3996
0.4015
0.4299
0.4165
0.4146
0.4089
0.4221
0.3984
0.4080
0.3916
Reference Range: 3209~3448K
Reference Range: 3449~3710K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
35K-4
0.3889
0.3690
35K-3
0.4017
0.3751
0.3941
0.3848
0.4080
0.3916
0.4080
0.3916
0.4221
0.3984
0.4017
0.3751
0.4147
0.3814
Reference Range: 3209~3448K
Reference Range: 3449~3710K


Similar Part No. - XUAN1919-KM357P4-36510

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1919-KM357P5-36613 EVERLIGHT-XUAN1919-KM357P5-36613 Datasheet
786Kb / 24P
   36V/13W series
XUAN1919-KM357P8-36817 EVERLIGHT-XUAN1919-KM357P8-36817 Datasheet
897Kb / 24P
   36V/17W series
More results

Similar Description - XUAN1919-KM357P4-36510

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
XUAN1313-KM407P1-36408 EVERLIGHT-XUAN1313-KM407P1-36408 Datasheet
1Mb / 24P
   36V/8W series
XUAN1919-KT577P4-36510 EVERLIGHT-XUAN1919-KT577P4-36510 Datasheet
1Mb / 24P
   36V/8W series
XUAN1919-KM277P3-36510 EVERLIGHT-XUAN1919-KM277P3-36510 Datasheet
1Mb / 24P
   36V/8W series
XUAN1313-KT657P2-36408 EVERLIGHT-XUAN1313-KT657P2-36408 Datasheet
1Mb / 24P
   36V/8W series
XUAN1313-KM457P1-36408 EVERLIGHT-XUAN1313-KM457P1-36408 Datasheet
1Mb / 24P
   36V/8W series
XUAN1919-KM457P4-36510 EVERLIGHT-XUAN1919-KM457P4-36510 Datasheet
1Mb / 24P
   36V/8W series
XUAN1313-KT507P2-36408 EVERLIGHT-XUAN1313-KT507P2-36408 Datasheet
1Mb / 24P
   36V/8W series
XUAN1313-KT577P2-36408 EVERLIGHT-XUAN1313-KT577P2-36408 Datasheet
1Mb / 24P
   36V/8W series
XUAN1919-KM307P3-36510 EVERLIGHT-XUAN1919-KM307P3-36510 Datasheet
1Mb / 24P
   36V/8W series
XUAN1919-KM407P4-36510 EVERLIGHT-XUAN1919-KM407P4-36510 Datasheet
1Mb / 24P
   36V/8W series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com