Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF512SYGWA-S530-E2-S290 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # SF512SYGWA-S530-E2-S290
Description  0.56 Quadruple Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

SF512SYGWA-S530-E2-S290 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  SF512SYGWA-S530-E2-S290 Datasheet HTML 1Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 2Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 3Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 4Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 5Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 6Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 7Page - Everlight Electronics Co., Ltd SF512SYGWA-S530-E2-S290 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Technical Data Sheet
0.56" Quadruple Digit SMD Displays
ELSF-512SYGWA/S530-E2/S290
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 1 of 8
Device No.: DDF-0000023
Prepared date: 2009/07/02
Prepared by: Sun Li
Features
Packaged in tape and reel for SMT manufacturing.
Design flexibility(common cathode or anode).
Categorized for luminous intensity.
The thickness is thinness than tradition display.
Pb free
The product itself will remain within RoHS
compliant version
Descriptions
The SMD type is much smaller than tradition
type components, thus enable smaller board
size, higher packing density, reduced storage space
and finally smaller equipment to be obtained.
Applications
Suitable for indoor use.
Audio system.
Set top box.
Game machine.
Channel indicator of TV.
Device Selection Guide
Chip
Material
Emitted Color
Face Color
A1GaInP
Brilliant Yellow Green
Gray


Similar Part No. - SF512SYGWA-S530-E2-S290

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
SF512SURWA-S530-A3-S290 EVERLIGHT-SF512SURWA-S530-A3-S290 Datasheet
306Kb / 8P
   0.56 Quadruple Digit SMD Displays
More results

Similar Description - SF512SYGWA-S530-E2-S290

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSF-512SYGWA EVERLIGHT-ELSF-512SYGWA Datasheet
189Kb / 8P
   0.56 Quadruple Digit SMD Displays
ELSF-512SURWA EVERLIGHT-ELSF-512SURWA Datasheet
306Kb / 8P
   0.56" Quadruple Digit SMD Displays
ELSF-511SURWA EVERLIGHT-ELSF-511SURWA Datasheet
316Kb / 8P
   0.56" Quadruple Digit SMD Displays
SF512SURWA-S530-A3-S290 EVERLIGHT-SF512SURWA-S530-A3-S290 Datasheet
306Kb / 8P
   0.56 Quadruple Digit SMD Displays
ELSF-511SYGWA EVERLIGHT-ELSF-511SYGWA Datasheet
219Kb / 8P
   0.56 Quadruple Digit SMD Displays
ELF-511SYGWA EVERLIGHT-ELF-511SYGWA Datasheet
136Kb / 6P
   0.56 Quadruple Digit Displays
ELF-512USOWA EVERLIGHT-ELF-512USOWA Datasheet
143Kb / 6P
   0.56 Quadruple Digit Displays
ELF-511SURWA EVERLIGHT-ELF-511SURWA Datasheet
147Kb / 7P
   0.56 Quadruple Digit Displays
ELF-512SURWA EVERLIGHT-ELF-512SURWA Datasheet
152Kb / 7P
   0.56 Quadruple Digit Displays
ELF-511USOWA EVERLIGHT-ELF-511USOWA Datasheet
137Kb / 6P
   0.56 Quadruple Digit Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com