Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSB276S Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HSB276S
Description  Silicon Schottky Barrier Diode for Balanced Mixer
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HSB276S Datasheet(HTML) 2 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSB276S
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
3V
Average rectified current
I
O
*1
30
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55 to +125
°C
Note
1. Per one device
Electrical Characteristics (Ta = 25
°C) *2
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse voltage
V
R
3

VI
R = 1 mA
Reverse current
I
R

50
µAV
R = 0.5V
Forward current
I
F
35

mA
V
F = 0.5V
Capacitance
C

0.90
pF
V
R = 0.5V, f = 1 MHz
Capacitance deviation
∆ C

0.10
pF
V
R = 0.5V, f = 1 MHz
ESD-Capability
*1
30

V
C=200pF , Both forward and reverse
direction 1 pulse.
Note
1. Failure criterion ; IR
≥ 100µA at VR =0.5 V
Note
2. Per one device


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn